Electronic Components Datasheet Search
  English  ▼

X  

8763 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  2/2 or 3/2-way Whisper Valve with media separation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8763 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Type 6724
3 | 15
Visit product website 
1.
General technical data
1.1. General data
Product properties
Dimensions
Detailed information can be found in chapter “5. Dimensions” on page 6.
Material
Body
PEEK or PPS (PVDF on request)
Seal
FFKM, EPDM, FKM or FFKM HCR (High Chemical Resistance)
Internal volume
Bürkert sub-base (9 x 26): approx. 38 µl
Bürkert sub-base (26 x 57) horizontal: approx. 93 µl
Threaded version UNF ¼"- 28: approx. 59 µl
Tube connector: approx. 68 µl
Orifice
Standard version
DN 0.8 or DN 1.2
Impulse version
DN 1.2
FFKM HCR version
DN 1.2
Circuit function
Detailed information can be found in chapter “3. Circuit functions” on page 5.
Typical product service life
10 million switching cycles (acc. to laboratory duration tests) 1.)
Performance data
Pressure range
Detailed information can be found in chapter “1.2. Medium pressure” on page 4.
Switching noise
30 dB (A) (< 20 dB (A) on request 2.))
Switching time 3.)
Opening: approx. 3 ms (Pressure build-up 0…10 %)
Closing: approx. 3 ms (Pressure reduction 100…90 %)
Electrical data
Power supply
12 V DC, 24 V DC (other voltages on request)
Duty cycle 4.)
100 % continuous operation
Nominal power
Standard version
1 W 5.)
Impulse version
1.25 W 5.) (impulse length min. 500 ms)
FFKM HCR version
1.25 W 5.)
Voltage tolerance
Standard version
± 10 % (incl. residual ripple)
Impulse version
± 5 % (incl. residual ripple)
FFKM HCR version
± 5 % (incl. residual ripple)
Medium data
Operating medium
Resistant to neutral and aggressive gases and liquids. For more detailed information,
see the chapter “4.1. Bürkert resistApp” on page 5.
Medium temperature
Standard version
FFKM: + 15 °C…+ 50 °C (59 °F…122 °F)
FKM: 0 °C…+ 50 °C (32 °F…122 °F)
EPDM: 0 °C…+ 50 °C (32 °F…122 °F)
Impulse version
FFKM: + 15 °C…+ 40 °C (59 °F…104 °F)
FKM: 0 °C…+ 40 °C (32 °F…104 °F)
EPDM: 0 °C…+ 40 °C (32 °F…104 °F)
(Higher temperature range on request)
FFKM HCR version
FFKM HCR: + 15 °C…+ 50 °C (59 °F…122 °F) 6.)
Viscosity
Max. 21 mm2/s
Process/Port connection & communication
Electrical connection 7.)
Plug with detent, pin spacing 2 mm, see data sheet Type 2503 
Port connection
Bürkert sub-base (9 x 26)
Bürkert sub-base (26 x 57) horizontal
Threaded version UNF ¼"- 28
Tube connector version
Approvals and Certificates
Suitable for food industry
FDA – on request, only with sealing material EPDM
Oxygen application
Oxygen suitability of materials in contact with fluid (BAM) – on request, only with sealing
material FKM
Degree of protection
IP10
Suitable for drinking water
KTW (W270) – on request, only with sealing material EPDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com