Electronic Components Datasheet Search
  English  ▼

X  

8763 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  2/2 or 3/2-way Whisper Valve with media separation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8763 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Type 6724
6 | 15
Visit product website 
4.2. Material specifications
4
3
5
6
2
1
No. Element
Material
1
Cap
LCP
2
Coil housing
nickel-plated
3
Valve body
PPS
4
Fluid housing (medium contact) PEEK or PPS (PVDF on request)
5
Sub-base seal (medium contact) FFKM, EPDM or FKM
6
Diaphragm (medium contact)
FFKM, EPDM, FKM or FFKM HCR (High
Chemical Resistance)
5.
Dimensions
5.1. Bürkert sub-base (9 x 26)
Note:
• Dimensions in mm
• Including fastening screws M2 x 10
26
16.1
8.9
6.5
21
Ø 2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com