Electronic Components Datasheet Search
  English  ▼

X  

53TP Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # 53TP
Description  PANEL MOUNT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

53TP Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  53TP Datasheet HTML 1Page - Sensata Technologies, Inc. 53TP Datasheet HTML 2Page - Sensata Technologies, Inc. 53TP Datasheet HTML 3Page - Sensata Technologies, Inc. 53TP Datasheet HTML 4Page - Sensata Technologies, Inc. 53TP Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.sensata.com
Page 4
Copyright © 2020 Sensata Technologies, Inc.
A
53TP
25
D
-
H
-10
Control Voltage
D: DC (4-32V)
A: AC (90-280V)
Series
53TP
Load Current
25: 25 Amps
50: 50 Amps
Thermal Pad
Blank: Not Included
H: Included
Switching Mode
ORDERING OPTIONS
Example : A53TP25D-H-10
Required for valid part number
For options only and not required for valid part
GENERAL NOTES
(1)
All parameters at 25°C unless otherwise specified.
(2)
Relay will self trigger between 900-1200 Vpk.
(3)
Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
(4)
Heat sinking required, see page 4 for derating curves.
(5)
Turn-on time for Random turn-on versions is 0.02 msec (DC Control Models)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com