Electronic Components Datasheet Search
  English  ▼

X  

53TP Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 53TP
Description  PANEL MOUNT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

53TP Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  53TP Datasheet HTML 1Page - Sensata Technologies, Inc. 53TP Datasheet HTML 2Page - Sensata Technologies, Inc. 53TP Datasheet HTML 3Page - Sensata Technologies, Inc. 53TP Datasheet HTML 4Page - Sensata Technologies, Inc. 53TP Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.
53TP SERIES | IP00
PANEL MOUNT
Features
• Three-phase solid-state relay; Ratings 25 A, 50 A
per phase @ 48-530 VAC
• 2 package styles IP00 or IP20 (See IP20 spec sheet
for more information)
• SCR output for heavy industrial loads
• Transient protection built in
• AC or DC control
• Zero-crossing (resistive loads) or random-fire
(inductive loads) output
• LED input status indicator
• UL Recognized, CE Compliant to EN60950-1
PRODUCT SELECTION
SPECIFICATIONS
Control Voltage
25 A
50 A
90-280 VAC
A53TP25D
A53TP50D
4-32 VDC
D 53TP25D
D53TP50D
Description
25 A
50 A
Operating Voltage (47-63Hz) [Vrms]
48-530
48-530
Transient Overvoltage [Vpk] 2
1200
1200
Maximum Off-State Leakage Current @ Rated
Voltage [mArms]
10
10
Minimum Off-State dv/dt @ Maximum Rated
Voltage [V/sec] 3
500
500
Maximum Load Current [Arms] 4
25
50
Minimum Load Current [Arms]
0.05
0.05
Maximum Surge Current 50-60 Hz (16.6ms)
[Apk]
239/250
597/625
Maximum On-State Voltage Drop @ Rated
Current [Vpk]
1.6
1.6
Thermal Resistance Junction to Case (Rjc)
[°C/W]
1.02
0.63
Maximum I²t for Fusing 50-60 Hz (8.3 msec) [A²
sec]
285/260
1779/1620
Minimum Power Factor (with Maximum Load)
0.5
0.5
AC Output (1)


Similar Part No. - 53TP

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
53TP SENSATA-53TP_V01 Datasheet
340Kb / 4P
PANEL MOUNT SOLID STATE RELAYS
Rev. 07/25/24
More results

Similar Description - 53TP

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
Panel Mount
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
PANEL MOUNT
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
logo
Pepperl+Fuchs Inc.
V1D-M16-V1D PF-V1D-M16-V1D Datasheet
141Kb / 1P
panel mount
2018-11-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com