Electronic Components Datasheet Search
  English  ▼

X  

ASO Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # ASO
Description  PCB MOUNT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

ASO Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  ASO Datasheet HTML 1Page - Sensata Technologies, Inc. ASO Datasheet HTML 2Page - Sensata Technologies, Inc. ASO Datasheet HTML 3Page - Sensata Technologies, Inc. ASO Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.sensata.com
Page 3
Copyright © 2024 Sensata Technologies, Inc.
THERMAL DERATE INFORMATION
MECHANICAL SPECIFICATIONS
*Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
ASO
-
241
-
R
Series
ASO
Operational Current
241: 1.5 Amps
242: 2 Amps
Switching Mode
Blank: Zero Voltage Turn-On
R: Random Turn-On
ORDERING OPTIONS
Example : ASO241-R
Required for valid part number
For options only and not required for valid part
number



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com