Electronic Components Datasheet Search
  English  ▼

X  

ASO Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # ASO
Description  PCB MOUNT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

ASO Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  ASO Datasheet HTML 1Page - Sensata Technologies, Inc. ASO Datasheet HTML 2Page - Sensata Technologies, Inc. ASO Datasheet HTML 3Page - Sensata Technologies, Inc. ASO Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
| ASO SERIES
PCB MOUNT
Features
• Mini-SIP SSR
• Ratings to 2A @ 280 VAC
• SCR output
• DC control
• Zero-crossing (resistive loads) or random-fire
(inductive loads) output
PRODUCT SELECTION
Control Voltage
1.5 A
2 A
4-10 VDC
ASO241
ASO242
Description
ASO241
ASO242
Operating Voltage (47-63Hz) [Vrms]
12-280
12-280
Transient Overvoltage [Vpk]
600
600
Maximum Off-State Leakage Current @ Rated Voltage [mA]
0.1
0.1
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] 3
500
500
Maximum Load Current [Arms] 3
1.5
2.0
Minimum Load Current [Arms]
0.025
0.06
Maximum Surge Current (16.6ms) [Apk]
40
120
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.5
1.5
Minimum Power Factor (with Maximum Load)
0.5
0.5
SPECIFICATIONS
Output (1)


Similar Part No. - ASO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
ASO SCHURTER-ASO Datasheet
328Kb / 3P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
276Kb / 2P
Midget Fuse, 10.3 x 38 mm, Quick-acting, 1000 VDC, Photovoltaic
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
347Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
369Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
01.10.2021
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
367Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
04.01.2022
More results

Similar Description - ASO

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
ASPF CRYDOM-ASPF Datasheet
454Kb / 4P
PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
PCB Mount
LC241 CRYDOM-LC241 Datasheet
475Kb / 4P
PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
PCB Mount
logo
Crydom Inc.,
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
PCB Mount
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
PCB Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com