Electronic Components Datasheet Search
  English  ▼

X  

GMS Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # GMS
Description  I/O MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

GMS Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  GMS Datasheet HTML 1Page - Sensata Technologies, Inc. GMS Datasheet HTML 2Page - Sensata Technologies, Inc. GMS Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
GMS SERIES | 17.5mm INPUT MODULES
I/O MODULES
SPECIFICATIONS(1)
Features
Input
Output
• DIN Rail Mountable Single Point Input Modules
• AC Inputs (Yellow Top), DC Inputs (White Top)
• UL, cUL Recognized, CE Compliant
• 4kV Optical isolation
• Input and Output Barrier Strips Accept 14 to 28 AWG Wire
• Open-Collector Output, with LED Status Indicator
Part Number
84115501
84115502
84115503
Voltage Range
90-140 VAC/DC
180-280 VAC/DC
4-32 VDC
Minimum Current [mA](2)
7
2
27
Maximum Current [mA](2)
14
5
35
Drop-out Current [mA](3)
3
1
1
Voltage for No Output (4)
50 VAC/DC
50 VAC/DC
2.2 VDC
Allowable Current [mA] (4)
2.5
0.7
1
Part Number
84115501
84115502
84115503
Logic Supply Voltage Range [VDC]
4.5 to 30
4.5 to 30
4.5 to 30
Maximum Logic Supply Voltage [VDC]
30
30
30
Maximum Logic Supply Current [mA](5)
32
32
32
Maximum Supply Idle Current (5)
7
7
7
Maximum Current [mA](6)
50
50
50
Maximum Logic Leakage Current [µA]
10.0
10.0
10.0
Maximum Voltage Drop [VDC]
0.2
0.2
0.2
Maximum Turn-On Time [msec] (7)
20
20
5
Maximum Turn-Off Time [msec] (7)
30
30
10


Similar Part No. - GMS

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
GMS SENSATA-GMS Datasheet
380Kb / 3P
17.5mm OUTPUT MODULES
Rev:06/08/18
logo
Phoenix Mecano S.E. Asi...
GMS 11 BOPLA-GMS 11 Datasheet
2Mb / 22P
Cable glands / General Accessories
GMS 13 BOPLA-GMS 13 Datasheet
2Mb / 22P
Cable glands / General Accessories
GMS 16 BOPLA-GMS 16 Datasheet
2Mb / 22P
Cable glands / General Accessories
GMS 21 BOPLA-GMS 21 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - GMS

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
I/O Modules
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
I/O Modules
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
I/O modules
0.46_2021-08-25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com