Electronic Components Datasheet Search
  English  ▼

X  

GMS Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # GMS
Description  I/O MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

GMS Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  GMS Datasheet HTML 1Page - Sensata Technologies, Inc. GMS Datasheet HTML 2Page - Sensata Technologies, Inc. GMS Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
General
Input/Output Isolation Voltage (8)
4000 Vrms
Input/Output Capacitance
8 pF
Operating Temperature Range
-30 to 80°C
Storage Temperature Range
-40 to 100°C
Line Frequency Range
47 to 63 Hz
Weight
1.1 oz. (31.2g)
GENERAL NOTES
(1)
Specifications apply to an ambient temperature of -30 to 80 °C unless otherwise noted.
(2)
Measured at maximum specified input voltage, 25°C.
(3)
Defined as the maximum current allowed through the module’s input to guarantee that the output will switch from “on” to “off”. Higher currents
may result in the output remaining in the “on” state.
(4)
Defined as the maximum current allowed through the module’s input that will not switch the module’s output state from “off” to”on”.
(5)
At maximum specified logic voltage and 25°C.
(6)
Maximum allowable sinking current through the open collector output transistor.
(7)
At 15 VDC logic, 30 VDC output, 50 mA, 25°C and nominal input voltage.
(8)
At 25°C for 1 second maximum duration.
EQUIVALENT CIRCUIT DIAGRAM / MECHANICAL SPECIFICATIONS
All dimensions are in millimeters [inches]
Tolerance: ±0.020 (±0.50)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com