Electronic Components Datasheet Search
  English  ▼

X  

ADC08D1000 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08D1000
Description  High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08D1000 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button ADC08D1000 Datasheet HTML 29Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 30Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 31Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 32Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 33Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 34Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 35Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 36Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 37Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
2.0 Applications Information
(Continued)
sequence until the PD input goes low. If a manual calibration
is requested while the device is powered down, the calibra-
tion will not begin at all. That is, the manual calibration input
is completely ignored in the power down state.
2.5 THE DIGITAL OUTPUTS
The ADC08D1000 demultiplexes the output data of each of
the two ADCs on the die onto two LVDS output buses (total
of four buses, two for each ADC). For each of the two
converters, the results of successive conversions started on
the odd falling edges of the CLK+ pin are available on one of
the two LVDS buses, while the results of conversions started
on the even falling edges of the CLK+ pin are available on
the other LVDS bus. This means that, the word rate at each
LVDS bus is 1/2 the ADC08D1000 input clock rate and the
two buses must be multiplexed to obtain the entire 1 GSPS
conversion result.
Since the minimum recommended input clock rate for this
device is 200 MSPS (normal non DES mode), the effective
rate can be reduced to as low as 100 MSPS by using the
results available on just one of the the two LVDS buses and
a 200 MHz input clock, decimating the 200 MSPS data by
two.
There is one LVDS output clock pair (DCLK+/-) available for
use to latch the LVDS outputs on all buses. Whether the data
is sent at the rising or falling edge of DCLK is determined by
the sense of the OutEdge pin, as described in Section 2.4.3.
DDR (Double Data Rate) clocking can also be used. In this
mode a word of data is presented with each edge of DCLK,
reducing the DCLK frequency to 1/4 the input clock fre-
quency. See the Timing Diagram section for details.
The OutV pin is used to set the LVDS differential output
levels. See Section 2.4.4.
The output format is Offset Binary. Accordingly, a full-scale
input level with V
IN+ positive with respect to VIN− will pro-
duce an output code of all ones, a full-scale input level with
V
IN− positive with respect to VIN+ will produce an output
code of all zeros and when V
IN+ and VIN− are equal, the
output code will vary between codes 127 and 128.
2.6 POWER CONSIDERATIONS
A/D converters draw sufficient transient current to corrupt
their own power supplies if not adequately bypassed. A 33
µF capacitor should be placed within an inch (2.5 cm) of the
A/D converter power pins. A 0.1 µF capacitor should be
placed as close as possible to each V
A pin, preferably within
one-half centimeter. Leadless chip capacitors are preferred
because they have low lead inductance.
The V
A and VDR supply pins should be isolated from each
other to prevent any digital noise from being coupled into the
analog portions of the ADC. A ferrite choke, such as the JW
Miller FB20009-3B, is recommended between these supply
lines when a common source is used for them.
As is the case with all high speed converters, the
ADC08D1000 should be assumed to have little power supply
noise rejection. Any power supply used for digital circuitry in
a system where a lot of digital power is being consumed
should not be used to supply power to the ADC08D1000.
The ADC supplies should be the same supply used for other
analog circuitry, if not a dedicated supply.
2.6.1 Supply Voltage
The ADC08D1000 is specified to operate with a supply
voltage of 1.9V ±0.1V. It is very important to note that, while
this device will function with slightly higher supply voltages,
these higher supply voltages may reduce product lifetime.
No pin should ever have a voltage on it that is in excess of
the supply voltage or below ground by more than 150 mV,
not even on a transient basis. This can be a problem upon
application of power and power shut-down. Be sure that the
supplies to circuits driving any of the input pins, analog or
digital, do not come up any faster than does the voltage at
the ADC08D1000 power pins.
The Absolute Maximum Ratings should be strictly observed,
even during power up and power down. A power supply that
produces a voltage spike at turn-on and/or turn-off of power
can destroy the ADC08D1000. The circuit of Figure 17 will
provide supply overshoot protection.
Many linear regulators will produce output spiking at
power-on unless there is a minimum load provided. Active
devices draw very little current until their supply voltages
reach a few hundred millivolts. The result can be a turn-on
spike that can destroy the ADC08D1000, unless a minimum
load is provided for the supply. The 100
Ω resistor at the
regulator output provides a minimum output current during
power-up to ensure there is no turn-on spiking.
In the circuit of Figure 17, an LM317 linear regulator is
satisfactory if its input supply voltage is 4V to 5V . If a 3.3V
supply is used, an LM1086 linear regulator is recommended.
The output drivers should have a supply voltage, V
DR, that is
within the range specified in the Operating Ratings table.
This voltage should not exceed the V
A supply voltage.
If the power is applied to the device without an input clock
signal present, the current drawn by the device might be
below 200 mA. This is because the ADC08D1000 gets reset
through clocked logic and its initial state is unknown. If the
reset logic comes up in the "on" state, it will cause most of
the analog circuitry to be powered down, resulting in less
than 100 mA of current draw. This current is greater than the
power down current because not all of the ADC is powered
down. The device current will be normal after the input clock
is established.
2.6.2 Thermal Management
The ADC08D1000 is capable of impressive speeds and
performance at very low power levels for its speed. However,
the power consumption is still high enough to require atten-
tion to thermal management. For reliability reasons, the die
temperature should be kept to a maximum of 130˚C. That is,
T
A (ambient temperature) plus ADC power consumption
times
θ
JA (junction to ambient thermal resistance) should not
20097454
FIGURE 17. Non-Spiking Power Supply
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com