Electronic Components Datasheet Search
  English  ▼

X  

ADC08D1000 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08D1000
Description  High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08D1000 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC08D1000 Datasheet HTML 1Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 2Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 3Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 4Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 5Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 6Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 7Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 8Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
18
19
CLK+
CLK-
LVDS Clock input pins for the ADC. The differential clock
signal must be a.c. coupled to these pins. The input signal is
sampled on the falling edge of CLK+. See Section 1.1.2 for a
description of acquiring the input and Section 2.3 for an
overview of the clock inputs.
11
10
.
22
23
V
INI+
V
INI−
.
V
INQ+
V
INQ−
Analog signal inputs to the ADC. The differential full-scale
input range is 650 mV
P-P when the FSR pin is low, or 870
mV
P-P when the FSR pin is high.
7V
CMO
Common Mode Voltage. The voltage output at this pin is
required to be the common mode input voltage at V
IN+ and
V
IN− when d.c. coupling is used. This pin should be grounded
when a.c. coupling is used at the analog inputs. This pin is
capable of sourcing or sinking 100µA. See Section 2.2.
31
V
BG
Bandgap output voltage capable of 100 µA source/sink.
126
CalRun
Calibration Running indication. This pin is at a logic high when
calibration is running.
32
R
EXT
External bias resistor connection. Nominal value is 3.3k-Ohms
(±0.1%) to ground. See Section 1.1.1.
34
35
Tdiode_P
Tdiode_N
Temperature Diode Positive (Anode) and Negative (Cathode)
for die temperature measurements. See Section 2.6.2.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com