Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPWR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2007IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSC2007IPWR Datasheet HTML 5Page - Texas Instruments TSC2007IPWR Datasheet HTML 6Page - Texas Instruments TSC2007IPWR Datasheet HTML 7Page - Texas Instruments TSC2007IPWR Datasheet HTML 8Page - Texas Instruments TSC2007IPWR Datasheet HTML 9Page - Texas Instruments TSC2007IPWR Datasheet HTML 10Page - Texas Instruments TSC2007IPWR Datasheet HTML 11Page - Texas Instruments TSC2007IPWR Datasheet HTML 12Page - Texas Instruments TSC2007IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-40
-20
0
20
40
60
80
100
Temperature(°C)
100
80
60
40
20
0
VDD=1.6V
VDD=3.6V
VDD=3.0V
-40
-20
0
20
40
60
80
100
Temperature(°C)
350
300
250
200
150
100
50
0
High-SpeedMode=3.4MHz
FastMode=400kHz
StandardMode=100kHz
600
500
400
300
200
100
0
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VDD(V)
High-SpeedMode=3.4MHz
FastMode=400kHz
StandardMode=100kHz
300
250
200
150
100
50
0
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VDD(V)
T =+25 C
°
A
I CSpeed=400kHz
2
PD1=PD0=0
X,Y,ZConversionat200SSPS
withMAV
TouchSensorModeledBy:
2k
forX-Plane
W
2k
forY-Plane
W
1k
forZ(TouchResistance)
W
MAVBypassed
Temperature( C)
°
-40
-20
70
60
50
40
30
20
10
0
0
20
40
60
80
100
High-SpeedMode=3.4MHz
FastMode=400kHz
StandardMode=100kHz
VDD(V)
1.2
1.6
2.0
2.4
2.8
3.2
250
200
150
100
50
0
3.6
High-SpeedMode=3.4MHz
FastMode=400kHz
StandardMode=100kHz
TSC2007
SBAS405 – MARCH 2007
At T
A = –40°C to +85°C, VDD = +1.2V to +3.6V, PD1 = PD0 = 0, Fast mode, 12-bit mode, and non-continuous AUX
measurement, unless otherwise noted.
POWER-DOWN SUPPLY CURRENT
SUPPLY CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 2.
Figure 3.
SUPPLY CURRENT
SUPPLY CURRENT
AUX CONVERSION
vs SUPPLY VOLTAGE
Figure 4.
Figure 5.
SUPPLY CURRENT (Part Not Addressed)
SUPPLY CURRENT (Part Not Addressed)
vs TEMPERATURE
vs SUPPLY VOLTAGE
Figure 6.
Figure 7.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com