Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPWR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2007IPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSC2007IPWR Datasheet HTML 15Page - Texas Instruments TSC2007IPWR Datasheet HTML 16Page - Texas Instruments TSC2007IPWR Datasheet HTML 17Page - Texas Instruments TSC2007IPWR Datasheet HTML 18Page - Texas Instruments TSC2007IPWR Datasheet HTML 19Page - Texas Instruments TSC2007IPWR Datasheet HTML 20Page - Texas Instruments TSC2007IPWR Datasheet HTML 21Page - Texas Instruments TSC2007IPWR Datasheet HTML 22Page - Texas Instruments TSC2007IPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
www.ti.com
Touch Detect
GND
V
DD
PenTouch
X+
Y+
Y-
HighwhentheX+orY+
driverison,orwhenany
sensorconnection/short-
circuittestsareactivated.
GND
ON
Sense
Viasgotosystemanaloggroundplane.
GND
Highwhen
theX+orY+
driverison.
Control
Logic
R
IRQ
VDD/REF
PENIRQ
Connectto
AnalogSupply
TSC2007
SBAS405 – MARCH 2007
OVERVIEW (continued)
The PENIRQ can be used as an interrupt to the host. RIRQ is an internal pull up with a programmable value of
either 50k
Ω (default) or 90kΩ. Write command '1011' (setup command) followed by data '0001' sets the pullup to
90k
Ω. NOTE: The first three bits must be '0's and the select bit is the last bit. To change the pullup back to
50k
Ω, issue write command '1011' followed by data '0000'.
An example for the Y-position measurement is detailed in Figure 27. The PENIRQ output is pulled high by an
internal pullup. While in power-down mode with PD0 = 0, the Y– driver is on and connected to GND, and the
PENIRQ output is connected to the X+ input. When the panel is touched, the X+ input is pulled to ground
through the touch screen, and PENIRQ output goes low because of the current path through the panel to GND,
initiating an interrupt to the processor. During the measurement cycle for X-, Y-, and Z-Position, the X+ input is
disconnected from the PENIRQ pull-down transistor to eliminate any pull-up resistor leakage current from
flowing through the touch screen, thus causing no errors.
In addition to the measurement cycles for X-, Y-, and Z-Position, commands that activate the X-drivers,
Y-drivers, and Y+ and X-drivers without performing a measurement, also disconnect the X+ input from the
PENIRQ pull-down transistor and disable the pen-interrupt output function, regardless of the value of the PD0
bit. Under these conditions, the PENIRQ output will be forced low. Furthermore, if the last command byte written
to the TSC2007 contains PD0 = 1, the pen-interrupt output function will be disabled and will not be able to detect
when the panel is touched. In order to re-enable the pen-interrupt output function under these circumstances, a
command byte must be written to the TSC2007 with PD0 = 0.
When the bus master sends the address byte with R/W bit = 0, and the TSC2007 sends an acknowledge, the
pen-interrupt function is disabled. If the command that follows the address byte contains PD0 = 0, then the
pen-interrupt function will be enabled at the end of a conversion. This is approximately 100
µs (12-bit mode) or
50
µs (8-bit mode) after the TSC2007 receives a STOP/START condition, following the receipt of a command
byte (see Figure 31 and Figure 30 for further details about when the conversion cycle begins).
In both cases previously listed, it is recommended that whenever the host writes to the TSC2007, the master
processor masks the interrupt associated to PENIRQ. This masking prevents false triggering of interrupts when
the PENIRQ line is disabled in the cases previously listed.
Figure 27. Example of a Pen-Touch Induced Interrupt via the PINTDAV Pin
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com