Electronic Components Datasheet Search
  English  ▼

X  

ADC08D1000EVAL Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08D1000EVAL
Description  High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08D1000EVAL Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button ADC08D1000EVAL Datasheet HTML 26Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 27Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 28Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 29Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 30Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 31Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 32Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 33Page - National Semiconductor (TI) ADC08D1000EVAL Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
2.0 Applications Information
(Continued)
reduced to 75% of the values indicated. In the Enhanced
Control Mode, these values will be determined by the full
scale range and offset settings in the Control Registers.
TABLE 5. DIFFERENTIAL INPUT TO OUTPUT
RELATIONSHIP (Non-Extended Control Mode, FSR
High)
V
IN+VIN−
Output Code
V
CM − 217.5mV
V
CM + 217.5mV
0000 0000
V
CM − 109 mV
V
CM + 109 mV
0100 0000
V
CM
V
CM
0111 1111 /
1000 0000
V
CM + 109 mV
V
CM −109 mV
1100 0000
V
CM + 217.5mV
V
CM − 217.5mV
1111 1111
The buffered analog inputs simplify the task of driving these
inputs and the RC pole that is generally used at sampling
ADC inputs is not required. If it is desired to use an amplifier
circuit before the ADC, use care in choosing an amplifier with
adequate noise and distortion performance and adequate
gain at the frequencies used for the application.
Note that a precise d.c. common mode voltage must be
present at the ADC inputs. This common mode voltage,
V
CMO, is provided on-chip when a.c. input coupling is used
and the input signal is a.c. coupled to the ADC.
When the inputs are a.c. coupled, the V
CMO output must be
grounded, as shown in Figure 11. This causes the on-chip
V
CMO voltage to be connected to the inputs through on-chip
50k-Ohm resistors.
IMPORTANT NOTE: An Analog input channel that is not
used (e.g. in DES Mode) should be left floating when the
inputs are a.c. coupled. Do not connect an unused analog
input to ground.
When the d.c. coupled mode is used, a common mode
voltage must be provided at the differential inputs. This
common mode voltage should track the V
CMO output pin.
Note that the V
CMO output potential will change with tem-
perature. The common mode output of the driving device
should track this change.
IMPORTANT NOTE: An analog input channel that is not
used (e.g. in DES Mode) should be tied to the V
CMO voltage
when the inputs are d.c coupled. Do not connect unused
analog inputs to ground.
Full-scale distortion performance falls off rapidly as the
input common mode voltage deviates from V
CMO. This is
a direct result of using a very low supply voltage to
minimize power. Keep the input common voltage within
50 mV of V
CMO.
Performance is as good in the d.c. coupled mode as it is
in the a.c. coupled mode, provided the input common
mode voltage at both analog inputs remain within 50 mV
of V
CMO.
If d.c. coupling is used, it is best to servo the input common
mode voltage, using the V
CMO pin, to maintain optimum
performance. An example of this type of circuit is shown in
Figure 12.
One such circuit should be used in front of the V
IN+ input and
another in front of the V
IN− input. In that figure, RD1,RD2 and
R
D3 are used to divide the VCMO potential so that, after being
gained up by the amplifier, the input common mode voltage
is equal to V
CMO from the ADC. RD1 and RD2 are split to
allow the bypass capacitor to isolate the input signal from
V
CMO.RIN,RD2 and RD3 will divide the input signal, if nec-
essary. Capacitor "C" in Figure 12 should be chosen to keep
any component of the input signal from affecting V
CMO.
Be sure that the current drawn from the V
CMO output does
not exceed 100 µA.
The Input impedance in the d.c. coupled mode (V
CMO pin not
grounded) consists of a precision 100
Ω resistor between
V
IN+ and VIN− and a capacitance from each of these inputs
to ground. In the a.c. coupled mode the input appears the
same except there is also a resistor of 50K between each
analog input pin and the V
CMO potential.
Driving the inputs beyond full scale will result in a saturation
or clipping of the reconstructed output.
20097444
FIGURE 11. Differential Input Drive
20097455
FIGURE 12. Example of Servoing the Analog Input with
V
CMO
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com