Electronic Components Datasheet Search
  English  ▼

X  

DP83848C Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848C
Description  PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button DP83848C Datasheet HTML 32Page - National Semiconductor (TI) DP83848C Datasheet HTML 33Page - National Semiconductor (TI) DP83848C Datasheet HTML 34Page - National Semiconductor (TI) DP83848C Datasheet HTML 35Page - National Semiconductor (TI) DP83848C Datasheet HTML 36Page - National Semiconductor (TI) DP83848C Datasheet HTML 37Page - National Semiconductor (TI) DP83848C Datasheet HTML 38Page - National Semiconductor (TI) DP83848C Datasheet HTML 39Page - National Semiconductor (TI) DP83848C Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
36
www.national.com
6.0 Reset Operation
The DP83848C includes an internal power-on reset (POR)
function and does not need to be explicitly reset for normal
operation after power up. If required during normal opera-
tion, the device can be reset by a hardware or software
reset.
6.1 Hardware Reset
A hardware reset is accomplished by applying a low pulse
(TTL level), with a duration of at least 1
µs, to the
RESET_N. This will reset the device such that all registers
will be reinitialized to default values and the hardware con-
figuration values will be re-latched into the device (similar
to the power-up/reset operation).
6.2 Software Reset
A software reset is accomplished by setting the reset bit
(bit 15) of the Basic Mode Control Register (BMCR). The
period from the point in time when the reset bit is set to the
point in time when software reset has concluded is approx-
imately 1
µs.
The software reset will reset the device such that all regis-
ters will be reset to default values and the hardware config-
uration values will be maintained. Software driver code
must wait 3
µs following a software reset before allowing
further serial MII operations with the DP83848C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com