Electronic Components Datasheet Search
  English  ▼

X  

DP83848C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848C
Description  PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83848C Datasheet HTML 1Page - National Semiconductor (TI) DP83848C Datasheet HTML 2Page - National Semiconductor (TI) DP83848C Datasheet HTML 3Page - National Semiconductor (TI) DP83848C Datasheet HTML 4Page - National Semiconductor (TI) DP83848C Datasheet HTML 5Page - National Semiconductor (TI) DP83848C Datasheet HTML 6Page - National Semiconductor (TI) DP83848C Datasheet HTML 7Page - National Semiconductor (TI) DP83848C Datasheet HTML 8Page - National Semiconductor (TI) DP83848C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
© 2007 National Semiconductor Corporation
www.national.com
1
Febuary 2007
DP83848C PHYTER
® - Commercial Temperature
Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
General Description
The DP83848C is a robust fully featured 10/100 single
port Physical Layer device offering low power con-
sumption, including several intelligent power down
states. These low power modes increase overall prod-
uct reliability due to decreased power dissipation. Sup-
porting multiple intelligent power modes allows the
application to use the absolute minimum amount of
power needed for operation.
The DP83848C includes a 25MHz clock out. This
means that the application can be designed with a
minimum of external parts, which in turn results in the
lowest possible total cost of the solution.
The DP83848C easily interfaces to twisted pair media
via an external transformer. Both MII and RMII are
supported ensuring ease and flexibility of design.
The DP83848C features integrated sublayers to sup-
port both 10BASE-T and 100BASE-TX Ethernet proto-
cols, which ensures compatibility and interoperability
with all other standards based Ethernet solutions.
The DP83848C is offered in a small form factor (48 pin
LQFP) so that a minimum of board space is needed.
Applications
•
High End Peripheral Devices
•
Industrial Controls and Factory Automation
•
General Embedded Applications
System Diagram
PHYTER
®
is a registered trademark of National Semiconductor.
Status
10BASE-T
or
100BASE-TX
MII/RMII/SNI
25 MHz
Clock
LEDs
DP83848C
10/100 Mb/s
MPU/CPU
Source
Typical Application
Features
•
Low-power 3.3V, 0.18
µm CMOS technology
•
Low power consumption < 270mW Typical
•
3.3V MAC Interface
•
Auto-MDIX for 10/100 Mb/s
•
Energy Detection Mode
•
25 MHz clock out
•
SNI Interface (configurable)
•
RMII Rev. 1.2 Interface (configurable)
•
MII Serial Management Interface (MDC and MDIO)
•
IEEE 802.3u MII
•
IEEE 802.3u Auto-Negotiation and Parallel Detection
•
IEEE 802.3u ENDEC, 10BASE-T transceivers and filters
•
IEEE 802.3u PCS, 100BASE-TX transceivers and filters
•
Integrated ANSI X3.263 compliant TP-PMD physical sub-
layer with adaptive equalization and Baseline Wander com-
pensation
•
Error-free Operation up to 137 meters
•
Programmable LED support Link, 10 /100 Mb/s Mode, Activ-
ity, and Collision Detect
•
Single register access for complete PHY status
•
10/100 Mb/s packet BIST (Built in Self Test)
•
48-pin LQFP package (7mm) x (7mm)


Similar Part No. - DP83848C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848C NSC-DP83848C Datasheet
2Mb / 82P
PHYTER - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C NSC-DP83848C Datasheet
2Mb / 84P
PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848C TI-DP83848C Datasheet
711Kb / 86P
Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C TI1-DP83848C Datasheet
2Mb / 86P
Industrial Controls and Factory Automation
DP83848C TI1-DP83848C Datasheet
2Mb / 89P
DP83848C/I/VYB/YB PHYTER™ QFP Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
REVISED MARCH 2015
More results

Similar Description - DP83848C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C NSC-DP83848C Datasheet
2Mb / 82P
PHYTER - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C NSC-DP83848C_08 Datasheet
2Mb / 84P
PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848VYB NSC-DP83848VYB Datasheet
1Mb / 76P
PHYTER짰 - Extended Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848YB NSC-DP83848YB_08 Datasheet
3Mb / 84P
PHYTER짰 - Extreme Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849C NSC-DP83849C_08 Datasheet
3Mb / 98P
PHYTER짰 DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848C TI-DP83848C Datasheet
711Kb / 86P
Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848CVV TI1-DP83848CVV Datasheet
722Kb / 86P
Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848CVVX TI1-DP83848CVVX Datasheet
617Kb / 86P
Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com