Electronic Components Datasheet Search
  English  ▼

X  

CD2425W2U Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # CD2425W2U
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CD2425W2U Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  CD2425W2U Datasheet HTML 1Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 2Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 3Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 4Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3
www.sensata.com
Copyright © 2021 Sensata Technologies, Inc.
MECHANICAL SPECIFICATIONS
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in millimeters [inches]
IP20
IP00
1.425 [36.20]
.625 [15.89]
2X .200 [5.08]
2.300 [58.42]
2.635 [66.93]
1.100 [27.94]
1.700 [43.18]
1.875 [47.63]
1.800 [45.72]
8X .191 [4.85]
.803 [20.40]
1.700 [43.18]
1.100 [27.94]
2.300 [58.42]
1.800 [45.72]
.803 [20.40]
1.150 [29.21]
0.420 [10.67]
0.120 [3.05]
0.300 [7.62]
3X 0.100 [2.54]
4X 0.026 [0.66]
(SQUARE)
0.500 [12.71]
0.200 [5.08]
1.150 [29.21]
INPUT CONNECTOR
OPTION 2
0.413 [10.50]
3X 0.138 [3.50]
0.122 [3.10]
0.157 [4.00]
0.606 [15.40]
0.285 [7.25]
4X 0.031 [0.80]
(SQUARE)
1.046 [26.58]
1.059 [26.90]
INPUT CONNECTOR
OPTION 3
1.201 [30.50]
INPUT CONNECTOR
OPTION 4
Crimp Housing, Positive Latch
Molex 050579404
Accepts wires: AWG #24, 0.2 mm²
Vertical Plug, Top Wire entry
Molex 039500-0004
Phoenix 1840382
Dinkle EC350V-04P
N/A
Vertical Plug, Rear Wire entry
Molex 39503-2004
Phoenix 1862878
Dinkle EC350RL-04P
Vertical Spring Cage Plug, top Wire E
Phoenix 1939934
Dinkle 0221-2004
Vertical Plug, Front Wire entry
Molex 39503-3004
Phoenix 1863178
Dinkle EC350R-04P
All 4 options accept wires: AWG #16 to 24
Accepts wires: AWG #16 to 24
MECHANICAL DIMENSIONS
INPUT CONNECTOR DIMENSIONSSUGGESTED MATING
CONNECTORS/PLUGS
(shown without IP20 cover)
1.150 [29.21]
Mounting
Hole/Slot
0.18 [4.5]
DIA.
Mounting
Hole/Slot
r 0.09 [2.2]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com