Electronic Components Datasheet Search
  English  ▼

X  

CD2425W2U Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # CD2425W2U
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CD2425W2U Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  CD2425W2U Datasheet HTML 1Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 2Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 3Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 4Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
www.sensata.com
Copyright © 2021 Sensata Technologies, Inc.
| EVOLUTION DUAL SERIES
PANEL MOUNT SOLID STATE RELAYS
PRODUCT SELECTION
Features
Applications
• 25A & 50A Output rating per channel @ 40°C
• 24 to 280 & 48 to 600VAC Operating voltage
• 4-32VDC Control input
• Three input termination options
• Zero turn-on outputs
• Input status LED indicator for each channel
• Available with IP20 “Touch-Safe” Covers
• UL508 Endurance Rating
• Industrial ovens
• Plastic injection molding equipment
• Packaging equipment
• Professional cooking equipment
• Lighting control
• HVAC&R
Control Voltage
240V, 25A
240V, 50A
480V, 25A
480V, 50A
4-32 VDC
CD2425W2U
CD2450W2U
CD4825W2U
CD4850W2U
Description
Cx2425xxxx
Cx2450xxxx
Cx4825xxxx
Cx4850xxxx
Operating Voltage (47-440Hz) [Vrms] per UL-508
24-280
24-280
48-600
48-600
Nominal Voltage (47-440Hz) [Vrms] per EN 62314
280
280
480
480
Load Current Range [Arms] (3)
0.15-25
0.15-50
0.15-25
0.15-50
Transient Overvoltage [Vpk]
600
600
1200
1200
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
1.0
1.0
1.0
1.0
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/μsec] (2)
500
500
500
500
Maximum 1 Cycle Surge Current (50/60) [Apk]
275/300
710/750
275/300
710/750
Maximum Surge Current 50Hz (20ms) [Apk]
275
710
275
710
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.3
1.3
1.3
1.3
Thermal Resistance Junction to Case (Rjc) [°C/W]
0.65
0.33
0.65
0.33
Maximum I² t for Fusing 50/60Hz (1/2 cycle) [A² sec]
380/370
2520/2320
380/370
2520/2320
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5
0.5
SPECIFICATIONS
Output (1)
Sensata | Crydom Evolution Dual family of Panel Mount dual channel AC Solid State Relays is an innovative line which expands upon the classic family
of Crydom Dual SSRs, offering an improved mechanical and thermal design along with higher power density. These dual output SSRs are available with
ratings of 25 and 50 Amps at 24 to 480 VAC.
Evolution Dual SSRs have two outputs controlled by two independent DC control inputs, and they are available with different options for input connectors
and output terminal configurations, offering great wiring flexibility.


Similar Part No. - CD2425W2U

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CD2425W2U CRYDOM-CD2425W2U Datasheet
905Kb / 6P
Evolution Dual Series
Rev. 060916
CD2425W2URH CRYDOM-CD2425W2URH Datasheet
1Mb / 6P
EVOLUTION DUAL SERIES
More results

Similar Description - CD2425W2U

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
logo
List of Unclassifed Man...
RSSDN-10A ETC2-RSSDN-10A Datasheet
221Kb / 4P
RSS Series-Panel Mount Solid State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
logo
Sensata Technologies, I...
CX-SERIES SENSATA-CX-SERIES Datasheet
304Kb / 5P
PCB MOUNT SOLID STATE RELAYS
Rev. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com