Electronic Components Datasheet Search
  English  ▼

X  

LND2425 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # LND2425
Description  AC OUTPUT LOW NOISE SOLID STATE RELAYS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LND2425 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  LND2425 Datasheet HTML 1Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 2Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 3Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 4Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 5Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 6Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 7Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 8Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1
www.sensata.com
Copyright © 2019 Sensata Technologies, Inc.
| LN SERIES
AC OUTPUT LOW NOISE SOLID STATE RELAYS
SPECIFICATIONS
Features
Applications
Output Voltage (1)
• Rating up to 75A @48-528 VAC per channel
• Zero Voltage Turn-On Switching
• Conformance with IEC60947-4-3 Environment B for low voltage domestic,
commercial and light industrial locations/installations
• Patented Low Noise trigger circuit
• IP20 touch-safe housing is available
• Built-in Input/Output over-voltage protection
• LED Input Status Indicator
• 3500 VAC Optical isolation
• EMC Compliant to level III
• Commercial ovens
• Professional cooking equipment
• Household appliances
• Medical equipment
Output Voltage
25 A
50 A
75 A
24-280 VAC
LND2425
LND2450
LND2475
48-528 VAC
LND4425
LND4450
LND4475
Description
LND24XX
LND44XX
Operating Voltage (47-63Hz) [V
RMS]
24-280
48-528
Transient Overvoltage [Vpk] (2)
500
800
Maximum Off-State Leakage Current @
Rated Voltage [mA
RMS]
1
1
Zero Crossing Level Maximum [Vpk]
20
Minimum Off-State dV/dt @ Maximum
Rated Voltage [V/μsec]
500
PRODUCT SELECTION
The LN Series of panel mounted Solid State Relays offer reliable back-to-back SCR switching up to 75 Amps at 528 VAC, coupled with a patented trigger circuit
design which allows the SSR to switch resistive loads with minimal electromagnetic noise generated, ideal for use in commercial, residential and medical
applications.
UL recognized and TUV certified, the LN series offers superior performance in applications that demand reliable switching and low emitted noise.
LOW
NOISE


Similar Part No. - LND2425

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
N-Channel Depletion-Mode MOSFET
LND250 SUTEX-LND250 Datasheet
436Kb / 3P
N-Channel Depletion-Mode DMOS FET
logo
Microchip Technology
LND250 MICROCHIP-LND250 Datasheet
580Kb / 16P
N-Channel Depletion-Mode DMOS FETs
08/15/18
logo
Supertex, Inc
LND250K1 SUTEX-LND250K1 Datasheet
69Kb / 2P
N-Channel Depletion-Mode MOSFET
LND250K1-G SUTEX-LND250K1-G Datasheet
436Kb / 3P
N-Channel Depletion-Mode DMOS FET
More results

Similar Description - LND2425

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PD1201 CLARE-PD1201 Datasheet
321Kb / 4P
AC Solid State Relays
PD2401 CLARE-PD2401 Datasheet
382Kb / 4P
AC Solid State Relays
PD2601 CLARE-PD2601 Datasheet
400Kb / 4P
AC Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
logo
Clare, Inc.
CPC1961 CLARE-CPC1961_11 Datasheet
127Kb / 7P
Dual AC Solid State Relays
PD2401 CLARE-PD2401_10 Datasheet
101Kb / 5P
AC Solid State Relays
PD2601 CLARE-PD2601_10 Datasheet
101Kb / 5P
AC Solid State Relays
logo
Crydom Inc.,
SDR24D12 CRYDOM-SDR24D12 Datasheet
1Mb / 6P
DIN RAIL MOUNTED AC & DC OUTPUT SOLID STATE RELAYS
logo
IXYS Corporation
PD2401X2 IXYS-PD2401X2 Datasheet
91Kb / 5P
PD2401 AC Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com