Electronic Components Datasheet Search
  English  ▼

X  

LND2425 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # LND2425
Description  AC OUTPUT LOW NOISE SOLID STATE RELAYS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LND2425 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  LND2425 Datasheet HTML 1Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 2Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 3Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 4Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 5Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 6Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 7Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 8Page - Sensata Technologies, Inc. LND2425 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page 2
www.sensata.com
Copyright © 2019 Sensata Technologies, Inc.
Input (1)
Description
LND24XX
LND44XX
Control Voltage Range [VDC] (4)
4.8 - 32
Maximum Reverse Voltage [VDC]
32
Minimum Turn-On Voltage [VDC]
4.8
Minimum Turn-Off Voltage [VDC]
1.1
Minimum Input Current (for on-state) [mA]
8
15
Maximum Input Current [mA]
16
27
Nominal Input Impedance [Ω]
Current Regulated
Maximum Turn-On Time
1/2 Cycle
Maximum Turn-Off Time
1/2 Cycle
Output (1)
Description
LNDXX25
LNDXX50
LNDXX75
Load Current, LC A IEC62314 @ Ue=480VAC,
40°C [A
RMS]
(3)
25
50
75
Minimum Load Current [mA
RMS]
100
Maximum 1 Cycle Surge Current (50/60Hz)
[Apk]
239/250
597/625
1145/1200
1 Second surge current (Apk. Ta=25°C)
50/60 Hz
85
150
225
Maximum On-State Voltage Drop @ Rated
Current [V
rms]
1.3
1.25
1.15
Maximum 1/2 Cycle I² t for Fusing (50/60Hz)
[A² sec]
285/259
1770/1621
6560/5976
Thermal Resistance Junction to Case (Rjc)
[°C/W]
0.8
0.45
0.27
Maximum Power Dissipation @Rated
Current [W]
32.5
62.5
86.25
Recomended Heat Sink for Rated Current
@40°C [°C/W]
2
1
0.7
Minimum Power Factor (at Maximum load)
0.7
General (1)
Description
Parameters
Dielectric Strength, Input to Output
(50/60Hz) [V
RMS]
3500
Dielectric Strength, Input/Output to Case
(50/60Hz) [V
RMS]
4000
Minimum Insulation Resistance (@ 500
VDC) [Ω]
109
Maximum Capacitance, Input/Output [pF]
12
Ambient Operating Temperature Range [°C]
(5)
-40 to 80
Ambient Storage Temperature Range [°C] (5) -40 to 100
Weight (typical) [oz/g]
2.6/74.9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com