Electronic Components Datasheet Search
  English  ▼

X  

PMP Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # PMP
Description  PROPORTIONAL CONTROL SOLID STATE RELAYS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

PMP Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  PMP Datasheet HTML 1Page - Sensata Technologies, Inc. PMP Datasheet HTML 2Page - Sensata Technologies, Inc. PMP Datasheet HTML 3Page - Sensata Technologies, Inc. PMP Datasheet HTML 4Page - Sensata Technologies, Inc. PMP Datasheet HTML 5Page - Sensata Technologies, Inc. PMP Datasheet HTML 6Page - Sensata Technologies, Inc. PMP Datasheet HTML 7Page - Sensata Technologies, Inc. PMP Datasheet HTML 8Page - Sensata Technologies, Inc. PMP Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1
www.sensata.com
Copyright © 2019 Sensata Technologies, Inc.
Operating Voltage
25 A
50 A
90 A
90-280 VAC
PMP2425W
PMP2450W
PMP2490W
345-530 VAC
PMP4825W
PMP4850W
PMP4890W
420-600 VAC
PMP6025W
PMP6050W
PMP6090W
| PMP SERIES
PROPORTIONAL CONTROL SOLID STATE RELAYS
Features
• Single Phase Proportional Controller
• Output ratings up to 90 Amps at 600 VAC
• Selectable operation mode: Phase Angle or Burst Fire control
• Selectable Control Input: 0-5 VDC, 0-10 VDC, 4-20 mA
• 50/60 Hz Adaptive Operational Frequency function
• 4-20 mA input does not require an auxiliary power supply
• LED multifunction status indicator
• Contactor configuration with “Elevator” screw terminals
• cURus, IEC Rated, CE & RoHS Compliant
PRODUCT SELECTION
SPECIFICATIONS
Description
PMP24xxW
PMP48xxW
PMP60xxW
Operating Voltage (45-65Hz) [Vrms]
90-280
345-530
420-600
Transient Overvoltage [Vpk] 1
600
1200
1200
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
4
2.2
2
Minimum Off-State dV/dt @ Maximum Rated Voltage [V/μsec]
500
500
500
Introduction
The PMP Series of micro-controller based Single-Phase Proportional Control SSRs are designed to offer precise control of the power delivered to
a resistive load in a compact 22.5mm housing, with ratings from 25 up to 90 Amps at 90 to 600 VAC. PMP Series solid state relays can vary the
output load power proportionally to an analog control input from 0 to 100%. This can be achieved by two different methods: Phase Angle control
and Burst Fire control (with Distributive Zero Cross). The control method to be used can be selected on the unit by means of a selector switch
located on top of the SSR. This selector switch also allows to select the type of analog signal to be used at the control input. The available input
types are: 0- 5 VDC, 0-10 VDC, and 4-20 mA. PMP Series Proportional SSRs are ideal for lamp dimming and resistive heating control, among other
type of applications requiring proportional control.
Output Voltage (2)


Similar Part No. - PMP

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PMP DDK-PMP Datasheet
711Kb / 3P
Automotive Coaxial Connector
logo
Merrimac Industries, In...
PMP-3R-10B MERRIMAC-PMP-3R-10B Datasheet
108Kb / 1P
ANALOG PHASE MODULATOR
PMP-3R-500B MERRIMAC-PMP-3R-500B Datasheet
108Kb / 1P
ANALOG PHASE MODULATOR
logo
List of Unclassifed Man...
PMP-400 ETC1-PMP-400 Datasheet
835Kb / 6P
Quik-Spec Power Module Panel
logo
Amphenol RF.
PMP-FS8A-2380 RF-PMP-FS8A-2380 Datasheet
2Mb / 2P
PSMP Board to Board Connectors
More results

Similar Description - PMP

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
logo
celduc-relais
SMCW6020 CELDUC-SMCW6020 Datasheet
1Mb / 16P
Solid State Relays For Motor Control
SMCW6080 CELDUC-SMCW6080 Datasheet
1Mb / 16P
Solid State Relays For Motor Control
SMCW6110 CELDUC-SMCW6110 Datasheet
1Mb / 16P
Solid State Relays For Motor Control
SMCW6150 CELDUC-SMCW6150 Datasheet
1Mb / 16P
Solid State Relays For Motor Control
SMCW6151 CELDUC-SMCW6151 Datasheet
1Mb / 16P
Solid State Relays For Motor Control
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com