Electronic Components Datasheet Search
  English  ▼

X  

PMP Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # PMP
Description  PROPORTIONAL CONTROL SOLID STATE RELAYS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

PMP Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  PMP Datasheet HTML 1Page - Sensata Technologies, Inc. PMP Datasheet HTML 2Page - Sensata Technologies, Inc. PMP Datasheet HTML 3Page - Sensata Technologies, Inc. PMP Datasheet HTML 4Page - Sensata Technologies, Inc. PMP Datasheet HTML 5Page - Sensata Technologies, Inc. PMP Datasheet HTML 6Page - Sensata Technologies, Inc. PMP Datasheet HTML 7Page - Sensata Technologies, Inc. PMP Datasheet HTML 8Page - Sensata Technologies, Inc. PMP Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.sensata.com
Page 2
Copyright © 2019 Sensata Technologies, Inc.
Description
Voltage Control
Current Control
Valid Input Voltage [VDC] / Current [mA]
0-10, 0-5
4-20
Maximum Allowed Input Voltage [VDC] / Current [mA]
30
35
Maximum Reverse Voltage [VDC] /Current [mA]
-30
-35
Pick up Voltage [VDC] / Current [mA]
0.4
4.3
Dropout Voltage [VDC] / Current [mA]
0.1
4
Nominal Input Impedance [Ohms]
28.8k
230 @ 20 mA
Maximum Initialization Time [msec]
5 Cycles
5 Cycles
Response Time
1 Cycle
1 Cycle
Description
25 A
50 A
90 A
Load Current, General Use UL508 @ 40°C [ARMS] 3
25
50
90
Minimum Load Current [mArms] 4
100
100
150
Maximum 1 Cycle Surge Current (50/60Hz) [Apk]
286/300
716/750
1290/1350
Maximum On-State Voltage Drop @ Rated Current [Vrms]
1.15
1.15
1.2
Maximum 1/2 Cycle I² t for Fusing (50/60Hz) [A² sec]
409/375
2563/2343
8320/7593
Thermal Resistance Junction to Case (Rjc) [°C/W]
0.49
0.27
0.2
Maximum Power Dissipation @ Rated Current [W]
29
58
104
Recommended Heat Sink for Rated Current @ 40ºC [°C/W]
2
1
0.36
Minimum Power Factor (at Maximum load)
0.7
0.7
0.7
Phase Angle Control Range [%]
0 to 100
0 to 100
0 to 100
Burst Fire Distributive Control Time Base Period
0 to 20 Cycles
0 to 20 Cycles
0 to 20 Cycles
Description
PMP
Supply Voltage Range [VDC]
8-30
Maximum Supply Current [mA]
30
Overvoltage Protection
Limited to 35 VDC for 60 sec
Reverse Polarity Protection
Yes
Output (2)
Power Supply (2) (5) (6)
Input (2)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com