Electronic Components Datasheet Search
  English  ▼

X  

LM2422 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2422
Description  220V Monolithic Triple Channel 30 MHz CRT DTV Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2422 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2422 Datasheet HTML 1Page - National Semiconductor (TI) LM2422 Datasheet HTML 2Page - National Semiconductor (TI) LM2422 Datasheet HTML 3Page - National Semiconductor (TI) LM2422 Datasheet HTML 4Page - National Semiconductor (TI) LM2422 Datasheet HTML 5Page - National Semiconductor (TI) LM2422 Datasheet HTML 6Page - National Semiconductor (TI) LM2422 Datasheet HTML 7Page - National Semiconductor (TI) LM2422 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Performance Characteristics (V
CC = +220VDC,VBB = +12VDC,CL = 10 pF, VOUT = 110VPP
(80V – 190V), T
C = 60˚C, Test Circuit — Figure 3 unless otherwise specified)
20138204
FIGURE 4. V
OUT vs VIN
20138205
FIGURE 5. LM2422 Pulse Response
20138206
FIGURE 6. Bandwidth
20138207
FIGURE 7. Speed vs Load Capacitance
20138208
FIGURE 8. Speed vs Offset
20138209
FIGURE 9. Speed vs Case Temperature
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com