Electronic Components Datasheet Search
  English  ▼

X  

LM2422 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2422
Description  220V Monolithic Triple Channel 30 MHz CRT DTV Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2422 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2422 Datasheet HTML 1Page - National Semiconductor (TI) LM2422 Datasheet HTML 2Page - National Semiconductor (TI) LM2422 Datasheet HTML 3Page - National Semiconductor (TI) LM2422 Datasheet HTML 4Page - National Semiconductor (TI) LM2422 Datasheet HTML 5Page - National Semiconductor (TI) LM2422 Datasheet HTML 6Page - National Semiconductor (TI) LM2422 Datasheet HTML 7Page - National Semiconductor (TI) LM2422 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Performance Characteristics (V
CC = +220VDC,VBB = +12VDC,CL = 10 pF, VOUT = 110VPP
(80V – 190V), T
C = 60˚C, Test Circuit — Figure 3 unless otherwise specified)
201382010
FIGURE 10. Power Dissipation vs Frequency
201382011
FIGURE 11. Safe Operating Area
201382012
FIGURE 12. LM2422 Cathode Response
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com