Electronic Components Datasheet Search
  English  ▼

X  

LM1771SMM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1771SMM
Description  Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1771SMM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM1771SMM Datasheet HTML 1Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 2Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 3Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 4Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 5Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 6Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 7Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 8Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
-0.3V to 6V
EN, FB, HG, LG
-0.3V to V
IN
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature
150˚C
Lead Temperature
(soldering, 10sec)
260˚C
ESD Rating
2kV
Operating Ratings
V
IN to GND
2.8V to 5.5V
Junction Temperature Range (T
J)
−40˚C to +125˚C
Electrical Characteristics Specifications with standard typeface are for T
J = 25˚C, and those in bold face
type apply over the full Junction Temperature Range (−40˚C to +125˚C). Minimum and Maximum limits are guaranteed
through test, design or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C and are
provided for reference purposes only. Unless otherwise specified V
IN = 3.3V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V
FB
Feedback pin voltage
0.782
0.8
0.818
V
I
Q
Quiescent current
V
FB = 0.9V
400
700
µA
T
ON
Switch On-Time
LM1771S - (500ns)
0.4
0.5
0.6
µs
LM1771T - (1000ns)
0.8
1.0
1.2
LM1771U - (2000ns)
1.6
2.0
2.4
T
OFF_MIN
Minimum Off-Time
LM1771S - (500ns)
150
250
ns
LM1771T - (1000ns)
135
225
LM1771U - (2000ns)
120
220
T
D
Gate Drive Dead-Time
70
ns
V
IH_EN
EN Pin Rising Threshold
1.15
1.2
1.25
V
V
EN_HYS
EN Pin Hysteresis
50
200
mV
I
FB
Feedback pin bias current
V
FB = 0.9V
50
nA
V
UVLO
Under-voltage lock out
V
IN Rising Edge
2.65
2.8
V
V
UVLO_HYS
Under-voltage lock out hysteresis
50
mV
V
SC_TH
Feedback pin Short Circuit Latch
Threshold
0.42
0.55
0.65
V
R
DS(ON) 1
HG FET driver pull-up On resistance
I
HG =20mA
4
Ω
R
DS(ON) 2
HG FET driver pull-down On resistance I
HG =20mA
6
Ω
R
DS(ON) 3
LG FET driver pull-up On resistance
I
LG =20mA
4
Ω
R
DS(ON) 4
LG FET driver pull-down On resistance I
LG =20mA
6
Ω
Note 1: Absolute Maximum Ratings indicate limits beyond which damage may occur to the device. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications, see Electrical Characteristics.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com