Electronic Components Datasheet Search
  English  ▼

X  

LM1771SMM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1771SMM
Description  Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1771SMM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM1771SMM Datasheet HTML 8Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 9Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 10Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 11Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 12Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 13Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 14Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 15Page - National Semiconductor (TI) LM1771SMM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Design Guide (Continued)
ofaC
FF capacitor is recommended as it improves the regu-
lation and stability of the design. However, its benefit is
diminished as V
OUT starts approaching VREF , therefore it is
not needed in this situation.
INPUT CAPACITOR
The dominating factor that usually sets an input capacitors’
size is the current handling ability. This is usually determined
by the package size and ESR of the capacitor. If these two
criteria are met then there usually should be enough capaci-
tance to prevent impedance interactions with the source. In
general it is recommended to use a ceramic capacitor for the
input as they provide a low impedance and small footprint.
One important note is to use a good dielectric for the ceramic
capacitor such as X5R or X7R. These provide better over
temperature performance and also minimize the DC voltage
derating that occurs on Y5V capacitors. To calculate the
input capacitor RMS current, the equation below can be
used:
which can be approximated by,
MOSFET Selection
The two FETs used in the LM1771 requires attention to
selection of parameters to ensure optimal performance of
the power supply. The high side FET should be a PFET and
the low side an NFET. These can be integrated in one
package or as two separate packages. The criteria that
matter in selection are listed below:
VDS VOLTAGE RATING
The first selection criteria is to select FETs that have suffi-
cient V
DS voltage ratings to handle the maximum voltage
seen at the input plus any transient spikes that can occur
from parasitic ringing. In general most FETs available for this
application will have ratings from 8V to 20V. If a larger
voltage rating is used then the performance will most likely
be degraded because of higher gate capacitance.
RDSON
The R
DS(ON) specification is important as it determines sev-
eral attributes of the FET and the overall power supply. The
first is that it sets the maximum current of the FET for a given
package. A lower R
DS(ON) will permit a higher allowable
current and reduce conduction losses, however, it will in-
crease the gate capacitance and the switching losses.
GATE DRIVE
The next step is to ensure that the FETs are capable of
switching at the low Vin supplies used by the LM1771. The
FET should have the Rdson specified at either 1.8V or 2.5V
to ensure that it can switch effectively as soon as the
LM1771 starts up.
GATE CHARGE
Because the LM1771 utilizes a fixed dead-time scheme to
prevent cross conduction, the FET transitions must occur in
this time. The rise and fall time of the FETs gate can be
influenced by several factors including the gate capacitance.
Therefore the total gate charge of both FETs should be
limited to less than 20nC at 4.5V V
GS. The lower the number
the faster the FETs should switch and the better the effi-
ciency.
RISE / FALL TIMES
A better indication of the actual switching times of the FETs
can be found in their electrical characteristics table. The rise
and fall time should be specified and selected to be at a
minimum. This helps improve efficiency and ensuring that
shoot through does not occur.
GATE CHARGE RATIO
Another consideration in selecting the FETs is to pay atten-
tion to the Qgd / Qgs ratio. The reason for this is that proper
selection can prevent spurious turn on. If we look at the
NFET for example, when the FET is turning off, the gate
signal will pull to ground. Conversely the PFET will be turn-
ing on, causing the SW node to rise towards V
IN. The gate to
drain capacitance of the NFET couples the SW node to the
gate and will cause it to rise. If this voltage is excessive, then
it could weakly turn on the low side FET causing an effi-
ciency loss. However, this coupling is mitigated by having a
large gate to source capacitance of the FET, which helps to
hold the gate voltage down. Ideally, a very low Qgd / Qgs
would be ideal, but in practice it is common to find the
number around 1. As a general rule, the lower the ratio, the
better.
If the above selection criteria have been met it is useful to
generate a figure of merit to allow comparison between the
FETs. One such method is to multiply the R
DS(ON) of the FET
by the total gate charge. This allows an easy comparison of
the different FETs available. Once again, the lower the prod-
uct, the better.
FEEDBACK RESISTORS
The feedback resistors are used to scale the output voltage
to the internal reference value such that the loop can be
regulated. The feedback resistors should not be made arbi-
trarily large as this creates a high impedance node at the
feedback pin that is more susceptible to noise. A combined
value of 50k
Ω for the two resistors is adequate. To calculate
the resistor values use the equation below. Typically the low
side resistor is initially set to a pre-determined value such as
10 k
Ω.
V
FB is the internal reference voltage that can be found in the
electrical characteristics table or approximated by 0.8V.
The output voltage value can be set in a precise manner by
taking into account the fact that the reference voltage is
regulating the bottom of the output ripple as opposed to the
average value. This relationship is shown in the figure below.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com