Electronic Components Datasheet Search
  English  ▼

X  

AXM5S Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # AXM5S
Description  ANALOG SINGLE-TURN ENCODERS, STAINLESS STEEL 316 - IP69K
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

AXM5S Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  AXM5S Datasheet HTML 1Page - Sensata Technologies, Inc. AXM5S Datasheet HTML 2Page - Sensata Technologies, Inc. AXM5S Datasheet HTML 3Page - Sensata Technologies, Inc. AXM5S Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.sensata.com
Page 3
Copyright © 2018 Sensata Technologies, Inc.
ORDERING OPTIONS
Range
AXM5S
Magnetic –stainless steel 58mm encoder
Shaft Ø
10 10mm
Mechanics
AA
316 stainless steel
IP69K
Hygienic design
Available Electronics
3L1 : 15 to 30Vdc
0..10V output
5L2 : 10 to 30Vdc
0.5..4.5V output
3L3 : 15 to 30Vdc
4..20mA output
3L4 : 15 to 30Vdc
0..20mA output
2LR : 5V +/- 5%
Ratio 10…90% voltage supply
Signals
1 CW Clockwise
2 CCW Counter-clockwise
Resolution
00360 Analog output calibrated on 360°
Other : Consult us
Cable
L3 3 wires cable PVC
Orientation
Example: A020 axial cable 2m
AXM5S
10
/
AA
/
3L1
1
// 00360 //
L3
A050
(Contact the factory for special versions, ex : connections…)
Example : AXM5S10/AA/3L11//00360//L3A050



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com