Electronic Components Datasheet Search
  English  ▼

X  

AXM5S Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # AXM5S
Description  ANALOG SINGLE-TURN ENCODERS, STAINLESS STEEL 316 - IP69K
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

AXM5S Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  AXM5S Datasheet HTML 1Page - Sensata Technologies, Inc. AXM5S Datasheet HTML 2Page - Sensata Technologies, Inc. AXM5S Datasheet HTML 3Page - Sensata Technologies, Inc. AXM5S Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Power Supply
5V or 10–30Vdc or 15-30Vdc
Comsumption With Load
< 40mA (at 24Vdc)
Resolution
12 bits
Accuracy
± 0.3 % (on 360°)
Repeatability
± 0.1 % (on 360°)
Introduction
< 1 s
Response Time
< 10 ms (5L2 & 3L1 electronic)
< 1ms (other electronics)
Advised Load
>10kOhms (Voltage output)
< 500 Ohms (current output)
ELECTRICAL DATA
CONNECTION
OUTPUT STAGE
Type
Cable
+Vcc
OV
Analog output
Ground
L3
3 wire cable
PVC
8230/022
Brown
BN
White
WH
Green
GN
General shielding
DIMENSIONS
AXM5S10
All dimensions are in mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com