Electronic Components Datasheet Search
  English  ▼

X  

LP35 Datasheet(PDF) 6 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 6 Page - Sensata Technologies, Inc.

  LP35 Datasheet HTML 1Page - Sensata Technologies, Inc. LP35 Datasheet HTML 2Page - Sensata Technologies, Inc. LP35 Datasheet HTML 3Page - Sensata Technologies, Inc. LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.sensata.com
Page 6
Copyright © 2022 Sensata Technologies, Inc.
Incremental
Absolute
STANDARD RESOLUTIONS
For non-standard and resolutions above 10000 PPR, please contact factory
32
64
100
128
250
256
360
500
512
600
720
1000 1024 1200 1250 1440 1500 2000
2048 2500 2880 3600 4096 5000 7200 8192 10000
BITS
5
6
7
8
9
10
11
12
13
14
15
16
Counts 32 64 128 256 512 1024 2048 4096 8192 16384 32768 65536
ORDERING OPTIONS -
NORTH AMERICAN LP35 MODELS
XX ex: 13
From 5 to16 BITS
Incremental resolutions: See Table 2
Mounting
Standard Outputs
Output Termination Type
Coupling / Tether Types
Special Features
XXXXX Example shows H30S for Metric and H4EP for Imperial
H:Through Hollow Shaft (Includes collet clamp)
H30S = 30mm (Non isolated)
Less than 30mm with isolated reduction sleeve
H4EP = ½”
H5EP = ”
H6EP = ¾”
H7EP = ”
H8EP = 1”
H8ES = 1” no isolation
B: Blind Hollow Shaft (Screws into mating shaft – screw provided)
Non isolated versions standard. Isolated versions <30mm
available, consult factory.
B30S = 30 mm
B5ES = ”
B6ES = ¾”
B7ES = ”
B8ES = 1”
C: Hollow Shaft with Integrated Coupling
(all options insulated)
C14P = 14 mm
C20P = 20 mm
C4EP = ½”
C6EP = ¾”
S: Shafted (Requires separate coupling)
S12 = 12mm
S3E = ”
28/SI = SSI RS485 w/o parity
28/SR = SSI RS485 reinforced w/o parity
28/V = Line driver 5-30 V In/Out; PushPull
28/5 = Line driver with 5 V (TTL) reulated output
28/VR = Push Pull 11-30V reinforced
U0ER = M16 Tapped Hole
U4ER = ½”-14 NPT Tapped Hole
U6ER = ¾”-14 NPT Tapped Hole
T0 = No tether
TC= Ball joint tether (M9230-03/xxx Ball end tether arm (xxx = length in cm))
(Blank) = No special features
Consult factory for available special features
Family
LP35
Housing Type
Output
Resolution
LP35 = Low Profile
Aluminum Body
HC = Explosion Proof
ABSOLUTE
AB = Natural Binary
AG = Gray Code
INCREMENTAL
Q28 A&B + Index and Complements.
Index with A&B high. A before B CCW
Q29 Index with B low
Use this diagram, working from left to right to construct your model
number (Example : LP35-HC-AB-13-H30S-28/SI- U0ER-T0)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com