Electronic Components Datasheet Search
  English  ▼

X  

LP35 Datasheet(PDF) 8 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 8 Page - Sensata Technologies, Inc.

  LP35 Datasheet HTML 1Page - Sensata Technologies, Inc. LP35 Datasheet HTML 2Page - Sensata Technologies, Inc. LP35 Datasheet HTML 3Page - Sensata Technologies, Inc. LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Specification sheet AH_X/ HH_X - P/N 2000/040 Rev. B
www.beisensors.com
LP Series
Explosion-proof and Flameproof Incremental Encoder
SPECIAL CONDITIONS FOR SAFE USE:
The gaps of the different flame paths are less than the values specified in the tables of the IEC 60079-1 standard.
The width of the different flameproof joints are superior to these specified in tables of IEC 60079-1 standard.
See Document 08329-001 for construction details.
ASSEMBLY CAUTION/WARNING:
Keep terminal cover closed and cable gland secured while in presence of hazardous atmosphere.
Open all circuits to this product prior to removal of terminal block cover.
Electrical installation shall use standard EN/IEC 60079-14 and/or NEC Class 2 circuit specifications. UL certified installations
require the use of a sealing fitting certified to 60079-0 Ex d IIB within 18 in. (46 cm) of the encoder. Terminal block covers are
marked near the threaded hole with the basic thread size to aid with selection of fittings or glands. Conductor insulation must
be rated for at least 105°C ambient temperature. External case ground connection is provided by means of a screw and ring
type terminal which accepts up to 10 AWG (5.26 mm2) size conductor.
The customer shall use our products according to our specifications and to the manners of the profession. BEI Sensors will not be
responsible for any defect resulting from improper installation or from operating outside of the specification limits of the product.
Malfunctions caused by excessive shocks, bad electric supply, under or over voltage, the environmental conditions outside of the
design specifications, are not covered by warranty. The encoder doesn’t require any maintenance. There are no user serviceable
parts inside. Any defective encoder shall be returned to the nearest BEI Sensors facility for evaluation and repair/replacement. A
high integrity case ground connection must be made at or near the encoder installation location.
See LP35 User Manual (Doc. No. XXX) for installation details and Specification Document (no. 2000/008 or 2000/009) for
product details not otherwise indicated on this document.
EU Declaration of Conformity
1. We, BEI Sensors, certify that Models HH_X and AH_X all resolutions, channel and output type options are explosion proof and flame
proof as noted on the UL, IECEX and DEMKO certificates cited below.
2. With the following marking: II 2 G Ex db IIB T4 Gb
3. Designed and manufactured to comply with these directives:
ATEX : 2014/34/EU and CEM : 2014/30/EU
4. Complies with these standards :
ATEX: EN IEC 60079-0:2018, EN60079-1:2014, EN60079-31:2014
IECEx: IEC 60079-0:2017, IEC60079-1:2014, IEC60079-31:2013
A comparative study of the standards EN 60079-0 (2012+A11 2013 and 2018), EN 60079-1(2014) and EN 60079-31( 2014) shows
that the product is not concerned by the substantial modifications,
5. As detailed in EC type examination certificates:
DEMKO 16 ATEX 1691X rev.0 and IECEx UL 16.0064X Issue 0
Product Quality Assurance Notification: LCIE 03 ATEX Q8060
Product Quality Assurance Report: FR/LCI/QAR08 0002
6. EMC: The following standards were also investigated for this certification: NFC 23-520, NFC 23-539, EN 50081-1, EN 55022 classe B, EN
55014, EN 61000-6-2, CEI 61000-4-2, CEI 61000-4-3, CEI61000-4-4, CEI 61000-4-5, CEI 61000-4-6, CEI 61000-4-8, CEI61000-4-11
7. The notified organization responsible for the follow-up of the ATEX directive is (Assessed by):
LCIE, B.P.8, F92260 Fontenay-aux-Roses - Identification number: 0081
8. The company in charge of certification CEM is: LCIE BUREAU VERITAS, Aire de la Thur 68840 Pulversheim
UL Declaration of Conformity
Part number Model HH_X and AH_X model for use in Class I, Group C & D
UL 1203 Explosion-Proof and Dust-Ignition-Proof Electrical Equipment for Use in Hazardous (Classified) Locations
C22.2 No. 30-M1986 - Explosion-Proof Enclosures for Use in Class I Hazardous Locations
UL Certificate No. 201609XX-E78446
UL Report No. E78446-XXX
Issue date:
The notified organization responsible for the follow-up inspections for this UL listing is (Assessed by):
UL International (France) SA
Espace Technologique de Saint-Aubin, Immeuble Explorer
Route de l’Orme des Merisiers – F-91190 SAINT AUBIN:
Identification number: 675



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com