Electronic Components Datasheet Search
  English  ▼

X  

SPV Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # SPV
Description  SPV & SPC ENCODER INTERFACE MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SPV Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  SPV Datasheet HTML 1Page - Sensata Technologies, Inc. SPV Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
sensata.com/newall
Copyright © 2023 Sensata Technologies Inc.
|SPV & SPC ENCODER INTERFACE MODULES
SPV 5 to 28V HTL compatible
SPC 5 to 28V Open Collector
Model
SPV (Part No. 600-83490)
SPC (Part No. 600-83500)
Vout = Vin (Line driver ET7272)
Open Collector (Line driver ET7273)
Power requirements
Voltage
5V to 30V ± 5%
Current with encoder
200mA max
Output signals
Differential quadrature signals
A, B, A-, B-
Phase angle A to B
90º
Frequency range
0-2MHz, equivalent to 2ms-1 with 1µm resolution
Reference mark Signal
Differential Reference RM, RM-
As per Encoder
Periodic or Single Point
Enclosure
Material
Aluminium extrusion
Sealing
IP54
Temperature
Operation
0 to 70ºC
Storage
-20 to 85ºC
SPECIFICATIONS
9D Connector
Pin No.
Module (female)
RS422
Module (male)
Vout = Vin or Open
Collector
1
N/C
N/C
2
A
A
3
/A
/A
4
B
B
5
/B
/B
6
0V
0V
7
5V
5-28V
8
RM
RM
9
/RM
/RM
Shell
Gnd
Gnd
CONNECTIONS
This interface provides output levels equivalent to the supply voltage to the unit
within the range 5-28Vdc.
This interface requires an external pull-up resistor. The pull-up voltage can be
different to the supply voltage.


Similar Part No. - SPV

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
SPV KGS-SPV Datasheet
92Kb / 1P
3W/m·K silicone thermal pad for high operating temperature applications
logo
Mean Well Enterprises C...
SPV-150 MEANWELL-SPV-150 Datasheet
320Kb / 3P
150W Single Output with PFC Function
SPV-150-12 MEANWELL-SPV-150-12 Datasheet
339Kb / 3P
150W Single Output with PFC Function
SPV-150-12 MEANWELL-SPV-150-12 Datasheet
320Kb / 3P
150W Single Output with PFC Function
SPV-150-12 MEANWELL-SPV-150-12 Datasheet
341Kb / 3P
150W Single Output with PFC Function
More results

Similar Description - SPV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV1601A STMICROELECTRONICS-STV1601A Datasheet
244Kb / 17P
SERIAL INTERFACE TRANSMISSION ENCODER
Nov-1992
logo
Texas Instruments
THCT12016 TI-THCT12016 Datasheet
1Mb / 25P
INCREMENTAL ENCODER INTERFACE
logo
TALEMA Group. LLC
ISM-100C1-000 TALEMA-ISM-100C1-000 Datasheet
25Kb / 1P
DIL Interface Modules
logo
Molex Electronics Ltd.
39170-1014 MOLEX-39170-1014 Datasheet
190Kb / 2P
Interface Modules
logo
AVX Corporation
VCH4AG100R8MA AVX-VCH4AG100R8MA Datasheet
241Kb / 2P
AntennaGuard/SPV
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
Small Optical Encoder Modules
logo
PHOENIX CONTACT
3041040 PHOENIX-3041040 Datasheet
95Kb / 4P
SPV 2,5/ 1-L GNYE
3041066 PHOENIX-3041066 Datasheet
95Kb / 4P
SPV 2,5/ 1-M BU
3041082 PHOENIX-3041082 Datasheet
94Kb / 4P
SPV 2,5/ 1-R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com