Electronic Components Datasheet Search
  English  ▼

X  

SPV Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # SPV
Description  SPV & SPC ENCODER INTERFACE MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SPV Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  SPV Datasheet HTML 1Page - Sensata Technologies, Inc. SPV Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.12/27/2023
Page 2
sensata.com/newall
CONTACT US
Copyright © 2023 Sensata Technologies, Inc.
Datasheets provided by Sensata Technologies, Inc., its subsidiaries and/or affiliates (“Sensata”) are solely intended to assist third parties
(“Buyers”) who are developing systems that incorporate Sensata products (also referred to herein as “components”). Buyer understands
and agrees that Buyer remains responsible for using its independent analysis, valuation, and judgment in designing Buyer’s systems
and products. Sensata datasheets have been created using standard laboratory conditions and engineering practices. Sensata has not
conducted any testing other than that specifically described in the published documentation for a particular datasheet. Sensata may
make corrections, enhancements, improvements, and other changes to its datasheets or components without notice.
Buyers are authorized to use Sensata datasheets with the Sensata component(s) identified in each particular datasheet. HOWEVER,
NO OTHER LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE TO ANY OTHER SENSATA INTELLECTUAL PROPERTY
RIGHT, AND NO LICENSE TO ANY THIRD PARTY TECHNOLOGY OR INTELLECTUAL PROPERTY RIGHT, IS GRANTED HEREIN. SENSATA
DATASHEETS ARE PROVIDED “AS IS”. SENSATA MAKES NO WARRANTIES OR REPRESENTATIONS WITH REGARD TO THE DATASHEETS
OR USE OF THE DATASHEETS, EXPRESS, IMPLIED, OR STATUTORY, INCLUDING ACCURACY OR COMPLETENESS. SENSATA DISCLAIMS
ANY WARRANTY OF TITLE AND ANY IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, QUIET
ENJOYMENT, QUIET POSSESSION, AND NON-INFRINGEMENT OF ANY THIRD PARTY INTELLECTUAL PROPERTY RIGHTS WITH REGARD
TO SENSATA DATASHEETS OR USE THEREOF.
All products are sold subject to Sensata’s terms and conditions of sale supplied at www.sensata.com. SENSATA ASSUMES NO
LIABILITY FOR APPLICATIONS ASSISTANCE OR THE DESIGN OF BUYERS’ PRODUCTS. BUYER ACKNOWLEDGES AND AGREES THAT IT
IS SOLELY RESPONSIBLE FOR COMPLIANCE WITH ALL LEGAL, REGULATORY, AND SAFETY-RELATED REQUIREMENTS CONCERNING
ITS PRODUCTS, AND ANY USE OF SENSATA COMPONENTS IN ITS APPLICATIONS, NOTWITHSTANDING ANY APPLICATIONS-RELATED
INFORMATION OR SUPPORT THAT MAY BE PROVIDED BY SENSATA.
Mailing Address: Sensata Technologies, Inc., 529 Pleasant Street, Attleboro, MA 02703, USA
Americas
Newall Electronics Inc.
1803 OBrien Rd
Columbus, OH 43228
Tel: +1 614 771 0213
sales@newall.com
newall.com
Rest of World:
Newall Measurement Systems,
Ltd.
Business Park, Unit 1 Wharf Way
Glen Parva, Leicester LE2 9UT
United Kingdom
Tel: +44 (0) 116 264 2730
sales@newall.co.uk
newall.co.uk
DIMENSIONS
INSTALLATION
The module is to be situated between the encoder and the control system and connected as per the above pin-out. Care must be taken to ensure the
location of the module is such that it is not exposed to environmental conditions beyond its IP rating. Ensure that the connection locking is secure.
Newall Measurement Systems, Ltd: Technology Gateway . Cornwall Road . South Wigston . Leicester . LE18 4XH . England
Newall Electronics, Inc: 1778 Dividend Drive . OH 43228 . USA . Tel: +1 (614) 771 0213 . Fax: +1 (614) 771 0219 . Website: www.newall.com
NOTE: Newall Measurement Systems Ltd. reserves the right to change the specification without notice.
023-81050/2 UK
N
SPT ENCODER INTERFACE MODULES
DATASHEET
Model
SPT (Part No. 600-83580)
5-28Vin, 5V TTL out
(Line driver 26C31)
Power requirements
Voltage
5V to 28V ± 5%
Ouput power
1.5W max (<150mA at 5V)
Output signals
Differential quadrature signals
A, B, A, B
Phase angle A to B
90º
Frequency range
0-2MHz, equivalent to 2ms-1 with 1μm resolution
Reference mark
Differential Reference RM & RM
As per Encoder
Signal
Periodic or Single Point
Enclosure
Material
Aluminium extrusion
Sealing
IP54
Temperature
Operation
0 to 55ºC
Storage
-20 to 85ºC
Connection Details
Dimensions
ANSI/ESD S8.1-2001
16mm / 0.63in
103mm / 4.06in
33mm / 1.30in
Newall TT or TS Encoder
Control
Installation
The module is to be situated between the encoder and the control system and connected as per the above pin-out. Care must be taken
to ensure the location of the module is such that it is not exposed to environmental conditions beyond its IP rating. Ensure that the con-
nection locking is secure.
Introduction
This power management interface module enables a 5V SHG-TT/TS or MHG-TT linear encoder to operate from a 5-28V supply. Output
levels remain at RS422 5V quadrature levels.
9D Connector
Pin No
Module (Female)
RS422 (Encoder)
Module (Male)
RS422 (Control)
1
N/C
N/C
2
A
A
3
/A
/A
4
B
B
5
/B
/B
6
0V
0V
7
5V supply out
5-28V supply in
8
RM
RM
9
/RM
/RM
Shell
Gnd
Gnd
Newall Measurement Systems, Ltd: Technology Gateway . Cornwall Road . South Wigston . Leicester . LE18 4XH . England
Newall Electronics, Inc: 1778 Dividend Drive . OH 43228 . USA . Tel: +1 (614) 771 0213 . Fax: +1 (614) 771 0219 . Website: www.newall.com
NOTE: Newall Measurement Systems Ltd. reserves the right to change the specification without notice.
023-81050/2 UK
N
SPT ENCODER INTERFACE MODULES
DATASHEET
Model
SPT (Part No. 600-83580)
5-28Vin, 5V TTL out
(Line driver 26C31)
Power requirements
Voltage
5V to 28V ± 5%
Ouput power
1.5W max (<150mA at 5V)
Output signals
Differential quadrature signals
A, B, A, B
Phase angle A to B
90º
Frequency range
0-2MHz, equivalent to 2ms-1 with 1μm resolution
Reference mark
Differential Reference RM & RM
As per Encoder
Signal
Periodic or Single Point
Enclosure
Material
Aluminium extrusion
Sealing
IP54
Temperature
Operation
0 to 55ºC
Storage
-20 to 85ºC
Connection Details
Dimensions
ANSI/ESD S8.1-2001
16mm / 0.63in
103mm / 4.06in
33mm / 1.30in
Newall TT or TS Encoder
Control
Installation
The module is to be situated between the encoder and the control system and connected as per the above pin-out. Care must be taken
to ensure the location of the module is such that it is not exposed to environmental conditions beyond its IP rating. Ensure that the con-
nection locking is secure.
Introduction
This power management interface module enables a 5V SHG-TT/TS or MHG-TT linear encoder to operate from a 5-28V supply. Output
levels remain at RS422 5V quadrature levels.
9D Connector
Pin No
Module (Female)
RS422 (Encoder)
Module (Male)
RS422 (Control)
1
N/C
N/C
2
A
A
3
/A
/A
4
B
B
5
/B
/B
6
0V
0V
7
5V supply out
5-28V supply in
8
RM
RM
9
/RM
/RM
Shell
Gnd
Gnd



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com