Electronic Components Datasheet Search
  English  ▼

X  

3363 Datasheet(PDF) 29 Page - Christian Bürkert GmbH & Co. KG

Part # 3363
Description  Electromotive 2-way diaphragm control valve
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3363 Datasheet(HTML) 29 Page - Christian Bürkert GmbH & Co. KG

Back Button 3363 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Type 3363
29 | 35
Visit product website 
6.
Product design and assembly
6.1. Product features
Note
Further information can be found in the operating instructions Type 3363 .
Operation
Devices without display module:
The basic functions are operated by 4 DIP switches
and 2 push buttons. These are located under the
blind cover which can be removed manually by
turning. Through the büS service access, the device
can also be configured in detail with the Bürkert
Communicator software. For this, the optional USB-
büS interface kit is required.
DIP switch
SIM card
CLOSE button
büS Service interface
OPEN button
Mechanical manual control
Blind cover dismantled
Rugged Touch Display (optional):
The robust display module is easy to use, it con-
figurates and displays all the required functions. In
addition to the start screen you can also switch to
the configuration view and user-specified views as
needed. All functions of the device without display
module like büS service interface are available, too.
Navigation buttons
Menu button
Back button
Display
View 1 of 1
POS
71 %
Manual
Information bar
Digital position
indicator
Mechanical manual override:
The manual override for mechanical movement of
the valve is located under the blind cover or display
module and ensures that the actuator can be oper-
ated even if the power supply fails.
Electrical manual override:
The electrical manual override for operation can be
carried out directly on the touch display or, in the
version without display, via two buttons under the
blind cover.
Display elements
Display
360° LED light ring:
A clearly visible 360° LED ring is attached to the
blind cover or display module to indicate the device
status, the valve end position and the operating
status. The LED light ring lights up, blinks or flashes
into one or changing colours, depending on the LED
mode set.
LED light ring
Valve open
Valve closed
Mechanical
position indicator
Mechanical position indicator:
The mechanical position indicator shows the current
valve position even if the supply voltage fails.
Data transmission (optional)
SIM card (optional):
With the optionally available SIM card, device-spe-
cific values and user settings can be stored and
quickly transferred to another device.
SIM card holder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com