Electronic Components Datasheet Search
  English  ▼

X  

3363 Datasheet(PDF) 28 Page - Christian Bürkert GmbH & Co. KG

Part # 3363
Description  Electromotive 2-way diaphragm control valve
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3363 Datasheet(HTML) 28 Page - Christian Bürkert GmbH & Co. KG

Back Button 3363 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Type 3363
28 | 35
Visit product website 
5.3. Electrical control and interfaces
Interface diagram
The position of the actuator is regulated according to the set-
point position value. The set-point position value is specified
either by an external standard signal (analogue) or via a field
bus (digital).
Analogue control
For analogue control 2 variants are available for the inputs
and outputs and the connection interface
Inputs and outputs:
• 1 analogue input, 1 binary input
• 1 analogue input, 1 binary input,
1 analogue output, 2 binary output (option)
• 1 input for actual process value (for process controller
version)
Interface:
• Cable gland with connection terminal (only AG2)
• M12 circular plug-in connectors (optional)
Input for actual
process value *
4 ... 20 mA
Frequency
Pt 100
Input for process or
position set point
4...20 mA
0...20 mA
0...10 V
0...5 V
Digital input
24 V DC
Electromotive
control valve
2 Digital ouputs
24 V PNP
Analogue
feedback
4...20 mA
0...10 V
Operation
Note:
Optional outputs are
represented with a broken line
Fieldbus
büS / CANopen
Control data
Input setpoint analogue
Galvanically isolated from the supply voltage and analogue output
0/4…20 mA (Input resistance 70 Ω)
0…5/10 V (input resistance 22 kΩ)
Output analogue
Maximum current 10 mA (for voltage output 0…5/10 V)
Load 0…800 Ω (for current output 0/4…20 mA)
Input digital
0…5 V = log “0", 10…30 V = log “1"
Inverted input reversed accordingly
Output digital
PNP, Current limitation 100 mA
Input actual value analogue (optional)
4…20 mA
Input resistance: 80 Ω
Resolution: 12 bit
Frequency
Measuring range: up to 1000 Hz
Input resistance: > 30 kΩ
Resolution: 0.1 % of measurement value
Input signal: > 300 mVss
Signal form: sine, rectangle, triangle
Pt 100
Measuring range: - 20 °C…+ 220 °C
Resolution: 0.01 °C
Measurement current: 1 mA
Communication
Communication interface (büS)
Connection to PC via USB büS interface set
Communication software (büS)
Bürkert Communicator, see Type 8920 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com