Electronic Components Datasheet Search
  English  ▼

X  

2030 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 2030
Description  Insertion flowmeter with paddle wheel, ELEMENT design
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2030 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  2030 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Type 8026
4 | 13
Visit product website 
Output
• Transistor (digital output):
– 1 transistor output (transmitter 2-wire):
– NPN, open collector
– max. 700 mA
– 1…36 V DC
– 2 transistor outputs (transmitter 2 or 3-wire):
– adjustable as sourcing or sinking (respectively both as PNP or NPN ), open collector
– max. 700 mA
– 0.5 A max. per transistor if the 2 transistor outputs are wired
– NPN-output: 1…36 V DC
– PNP-output: Power supply
• Current (analogue output):
– 4…20 mA
– adjustable as sourcing or sinking (in the same mode as transistor)
– max. loop impedance:
– 1 current output (transmitter 2-wire): 1100 Ω at 36 V DC, 610 Ω at 24 V DC, 180 Ω at 14 V DC
– 2 current outputs (transmitter 3-wire): 1100 Ω at 36 V DC, 610 Ω at 24 V DC, 100 Ω at
12 V DC
Voltage supply cable
The female M12 connector and/or the male M12 connector are not included in the delivery and must
be ordered separately, see chapter “10.5. Ordering chart accessories” on page 13.
For these connectors, use a shielded cable with:
• diameter: 3…6.5 mm
• cross section of wires: max. 0.75 mm²
Medium data
Fluid temperature
With fitting Type S020 in:
• PVC: 0…+ 50 °C (+ 32…+ 122 °F)
• PP: 0…+ 80 °C (+ 32…+ 176 °F)
• PVDF, stainless steel or brass: - 15…+ 100 °C (+ 5…+ 212 °F)
See data sheet Type S020  for more information.
Fluid pressure
Max. PN 10 (145 PSI)
See data sheet Type S020  for more information.
Viscosity
Max. 300 cSt
Rate of solid particles
Max. 1 %
Maximum particle size
0.5 mm
Process/Pipe connection & communication
Process connection
G 2" for use with Type S020 Insertion fitting
See data sheet Type S020  for more information.
Electrical connection
• 2 or 3 outputs transmitter (2-wire) variant: 1 x 5-pin M12 male connector
• 4 outputs transmitter (3-wire) variant: 1 x 5-pin M12 male and 1 x 5-pin M12 female connectors
Approvals and conformities
Directives
CE directive
Further information on the CE directive can be found in chapter “2.2. Standards” on page 5.
Pressure equipment directive
Complying with article 4, paragraph 1 of 2014/68/EU directive
Further information on the pressure equipment directive can be found in chapter “2.3. Pressure
Equipment Directive (PED)” on page 5.
North America (USA/Canada)
UL Recognized for the USA and Canada
Environment and installation
Ambient temperature
Operation and storage: - 10…+ 60 °C (+ 14…+ 140 °F)
Relative air humidity
≤ 85 %, without condensation
Height above sea level
Max. 2000 m
Operating condition
Continuous
Equipment mobility
Fixed
Application range
Indoor and outdoor
Protect the device against electromagnetic interference, ultraviolet rays and, when installed outdoors,
against the effects of climatic conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com