Electronic Components Datasheet Search
  English  ▼

X  

8036 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 8036
Description  Inline flowmeter with paddle wheel, ELEMENT design
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8036 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 8036 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Type 8036
12 | 12
Visit product website 
10.4. Ordering chart
Transmitter Type SE36
Note:
• All settings as well as the digital output have to be configured with the display/configuration module (must be ordered separately).
• The following article no.s. have a transparent cover as standard.
Operating
voltage
Output
UL approval
Electrical connection 1.)
Article no.
Without
display/
configuration
module
With display/
configuration
module
14…36 V DC
2 outputs:
1 x transistor NPN
+ 1 × 4…20 mA (2 wires)
–
5-pin M12 male connector
560880 
561880 
UL-Recognized
560883 
561883 
3 outputs:
2 x transistors NPN/PNP
+ 1 × 4…20 mA (2 wires)
–
560881 
561881 
UL-Recognized
560884 
561884 
12…36 V DC
4 outputs:
2 x transistors NPN/PNP
+ 2 × 4…20 mA (3 wires)
–
5-pin M12 male and 5-pin M12
female connectors
560882 
561882 
UL-Recognized
560885 
561885 
1.) Must be ordered separately (see chapter “11.5. Ordering chart accessories” on page 10): M12 male/female connectors (only 1 M12 female for the variant with one 4…20 mA out-
put, 1 M12 male and 1 M12 female for the variant with two 4…20 mA outputs of the device)
10.5. Ordering chart accessories
Description
Article no.
Spare part
Opaque cover with seal (1 screw cover with EPDM seal + 1 quarter turn closing cover with silicone seal)
560948 
Transparent cover with seal (1 screw cover with EPDM seal + 1 quarter turn closing cover with silicone seal)
561843 
Electrical connection
M12 female connector with plastic threaded clamping ring, 5-pin, straight, to be wired
917116 
M12 male connector with plastic threaded clamping ring, 5-pin, straight, to be wired
560946 
M12 female connector with moulded cable (shielded), 5-pin, straight, cable length: 2 m
438680 
M12 male connector with moulded cable (shielded), 5-pin, straight, cable length: 2 m
559177 
Configuration accessory
Removable display/configuration module (with instruction sheet)
559168 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com