Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Flowmeter/Threshold detector with paddle wheel
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8644 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Type 8032
3 | 15
Visit product website 
1.
General technical data
Note:
If the device is mounted in a humid environment or outside, then the maximum voltage allowed is 35 V DC instead of 36 V DC.
Product properties
Material
Make sure the device materials are compatible with the fluid you are using.
Further information can be found in chapter “3.1. Bürkert resistApp” on page 7.
Further information on the materials can be found in chapter “3.2. Material specifications” on page 7.
Non wetted parts
Front panel film
Polyester
Cover
PC, glass fibre reinforced
Housing
PC, glass fibre reinforced
Screw
Stainless steel
Bayonet system
PC
Female cable plug/male fixed
plug
• Body, contact holders and cable gland in PA
• Cable gland seal and flat seal in NBR
Fixed connector
PA or PA and CuZn, nickel-plated
Wetted parts
Sensor armature
Brass, stainless steel, PVC, PP or PVDF (depending on the Inline sensor-fitting variant Type S030)
Axis and bearing
Ceramics (Al
2O3)
Paddle wheel
PVDF
Sensor-fitting body
Brass, stainless steel, PVC, PP or PVDF (depending on the Inline sensor-fitting variant Type S030)
Seal
FKM or EPDM (depending on the Inline sensor-fitting variant Type S030)
Display
8-digit LCD with backlighting
Compatibility
Any pipe from DN 06…DN 65 which are fitted with Bürkert Type S030 Inline sensor-fitting.
For the selection of the nominal diameter of the Inline sensor-fittings, see data sheet Type S030 .
Pipe diameter
DN 06…DN 65.
Dimensions
Further information can be found in chapter “4. Dimensions” on page 8
Measuring principle
Paddle wheel
Measuring range
• Flow rate: 0.5…1000 l/min (0.13…265 gpm)
• Flow velocity: 0.3…10 m/s
Performance data
Measurement deviation
• Teach-In: ± 1 % of the measured value 1.) (at Teach-In flow rate value)
• Standard K-factor: ± 3 % of the measured value 1.)
Linearity
± 0.5 % of full scale 1.)
Repeatability
± 0.4 % of the measured value 1.)
4…20 mA output uncertainty
± 0.5 % of current range
Operating mode
Threshold: window or hysteresis
Electrical data
Operating voltage
12…36 V DC ± 10 %, filtered and regulated
Connection to main supply: permanent (through external SELV (Safety Extra Low Voltage) and LPS
(Limited Power Source) power supply)
Power source (not supplied)
Limited power source according to UL/EN 62368-1 standards or limited energy circuit according to UL/
EN 61010-1 §9.4
Protection against DC polarity
reversal
Yes
Current consumption
≤ 80 mA (no load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com