Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Flowmeter/Threshold detector with paddle wheel
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8644 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Type 8032
4 | 15
Visit product website 
Output
• Transistor
– NPN and/or PNP, open collector
– 700 mA max. (500 mA max. per transistor if both transistor outputs are wired)
– frequency: 0…300 Hz
– operation and thresholds can be parametered
– NPN-output: 0.2…36 V DC
– PNP-output: power supply
– protection against short circuits
• Relay
– operation and thresholds can be parametered
– non UL device:
– single relay output: 250 V AC/3 A or 30 V DC/3 A
– relay output and 4…20 mA current output: 48 V AC/3 A or 30 V DC/3 A
– UL device: 30 V AC/42 V
peak/3 A or 60 V DC/1 A
• Process value
– 4…20 mA, galvanic insulation
– loop impedance max.: 1300 Ω at 36 V DC, 1000 Ω at 30 V DC, 700 Ω at 24 V DC,
450 Ω at 18 V DC, 200 Ω at 12 V DC
– response time (10…90 %): 3 s with filter 2 (default setting)
Voltage supply cable
Max. 100 m length, shielded
• For female cable plug (supplied):
– external diameter of wire: 6…7 mm
– cross section of wires: 0.25…1.5 mm²
• For 5-pin M12 female connector (not supplied):
– external diameter of wire: 3…6.5 mm
– cross section of wires: max. 0.75 mm²
• For 8-pin M12 female connector (not supplied):
– external diameter of wire: 5.9 mm
– cross section of wires: 0.25 mm²
Medium data
Fluid temperature
With Inline sensor-fitting Type S030 in:
• PVC: 0…+ 50 °C (+ 32…+ 122 °F)
• PP: 0…+ 80 °C (+ 32…+ 176 °F)
• PVDF, stainless steel or brass: - 15…+ 100 °C (+ 5…+ 212 °F)
See data sheet Type S030  for more information.
Fluid pressure
With Inline sensor-fitting Type S030 in:
• plastic: max. PN 10
• metal: max. PN 16 (PN 40 on request)
See data sheet Type S030  for more information.
Viscosity
300 cSt max.
Rate of solid particles
Max. 1 %
Maximum particle size
0.5 mm
Process/Pipe connection & communication
Pipe connection
With Inline sensor-fitting Type S030 in:
• Plastic: true union with nut and solvent/fusion socket, spigot or external thread
• Metal: internal or external thread, weld ends, clamp or flange
See data sheet Type S030  for more information.
Electrical connection
• Cable plug according to DIN EN 175301-803, free positionable 5-pin M12 male connector or 8-pin
M12 male connector
Approvals and conformities
Directives
CE directive
Further information on the CE Directive can be found in chapter “2.3. Standards” on page 6.
Pressure equipment directive
Complying with article 4, paragraph 1 of 2014/68/EU directive
Further information on the pressure equipment directive can be found in chapter “2.4. Pressure
Equipment Directive (PED)” on page 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com