Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Inline flowmeter for continuous measurements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Type 8030
12 | 14
Visit product website 
9.
Product design and assembly
9.1. Product assembly
Note:
• The device Type 8030 is made up of a Bürkert Inline sensor-fitting Type S030 equipped with a paddle wheel sensor and a transmitter
Type SE30.
• The Inline sensor-fitting Type S030 ensures simple installation into pipes from DN 06…DN 65. The transmitter Type SE30 can be
mounted on any Inline sensor-fitting Type S030 and fastened with a bayonet catch, see data sheet Type S030  for more information.
Inline
sensor-fitting
Type S030
Transmitter
Type SE30
10. Networking and combination with other Bürkert products
Example:
Type 8030
With Hall transducer (NPN and PNP transistor outputs) or
with coil transducer (pulse signal output F = KQ 1.))
With Hall “Low Power” transducer
(NPN transistor output)
Type 8025 
Universal flow
transmitter or remote
batch controller
Type 8022 
Pulse divider
Type 8619 
multiCELL -
transmitter/controller
Type 8611 
eCONTROL -
Universal controller
Type 8025 
Flow transmitter for
“Low Power”
flowmeters
Type 8022 
Flow transmitter,
4…20 mA
1.) Output: F = frequency [Hertz], K = K factor of the Inline sensor-fitting [pulse/liter] and Q = flow rate [l/s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com