Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Inline flowmeter for continuous measurements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Type 8030
14 | 14
Visit product website 
11.4. Ordering chart
Transmitter Type SE30
Description
Operating
voltage
Output
Electrical
connection
Article no.
Hall variant
(connectable to Type 8025 universal transmitter, or
batch controller, Type 8619, Type 8611, Type 8022
pulse divider or to a PLC)
12…36 V DC
Frequency with pulse,
transistors PNP and
NPN, open collector
Female cable plug
DIN EN 175301-803
423913 
Hall “Low Power” variant
(only connectable to the flow transmitter for “Low
Power” flowmeters Type 8025 or to the flow
transmitter Typ 8022)
From associated
transmitter
Frequency with pulse,
transistor NPN, open
collector
423914 
High Temperature (Type SE30‑HT) variant1.)
(connectable to Type 8025 universal transmitter or
batch controller, Type 8619, Type 8611, Type 8022
pulse divider or to a PLC)
12…36 V DC
Frequency with pulse,
transistors PNP and
NPN, open collector
449694 
1.) Only mount with Inline sensor-fitting in High Temperature variant (S030‑HT)
Further variants on request
Approval
ATEX for hazardous areas II 1 G/D - II 3 GD, NAMUR or NPN/PNP variant
See data sheet Type SE30 Ex  for more information.
11.5. Ordering chart accessories
Description
Article no.
Electrical connection
Female cable plug, 4-pin (3 conductors + protective conductor), form A according to DIN EN 175301-803, with cable
gland (Type 2518 )
572264 
Female cable plug, 4-pin (3 conductors + protective conductor), form A according to DIN EN 175301-803, with cable
gland and flat seal in silicone (only for Type 8030-HT variant) (Type 2518 )
572330 
Female cable plug 32 mm, 4-pin (3 conductors + protective conductor), form A according to DIN EN 175301 - 803, with
NPT ½" reduction without cable gland (Type 2509 )
162673 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com