Electronic Components Datasheet Search
  English  ▼

X  

2030 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 2030
Description  Magnetic inductive Insertion flowmeter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2030 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 2030 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Type 8045
13 | 20
Visit product website 
The device can be installed in either horizontal or vertical pipes, but following additional conditions should be respected:
• The pipe always has to be filled with fluid at all times near the device.
• The pipe design must be such that no air bubbles or cavitation can form within the medium near the device at any time.
Correct
Incorrect
Correct
Correct
Incorrect
Incorrect
Correct
Incorrect
Pressure and temperature ratings must be respected according to the selected fitting material. The suitable pipe size is selected using the
diagram in the chapter “Nominal size selection” of the data sheet Type S020 .
6.2. Mounting options
It is advisable to mount the flowmeter at a 45° angle to the horizontal centre of the pipe to avoid having deposits on the electrodes and false
measurements due to air bubbles
45°
45°
7.
Product operation
7.1. Measuring principle
The E-shaped magnetic system inside the sensor induces a magnetic field into the fluid, which is perpendicular to the direction of flow. Two
electrodes are in galvanic contact with the liquid.
Based on the Faraday law a voltage can be measured between these electrodes once a liquid (min. conductivity of 20 µS/cm) flows along
the pipe. This voltage is proportional to the flow velocity.
Using the K-factor for the individual pipe diameter the speed of flow is converted into volume per time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com