Electronic Components Datasheet Search
  English  ▼

X  

2030 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 2030
Description  Magnetic inductive Insertion flowmeter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2030 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 2030 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2030 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Type 8045
20 | 20
Visit product website 
Flowmeter with clamp process connection
Note:
All these following variants
• have at least
– a 18…36 V DC operating voltage
– a 4…20 mA current output (AO1) and
– a digital output (DO1)
• are supplied with an accessories set (article no. 565384).
Further information regarding the sets can be found in chapter “10.5. Ordering chart accessories” on page 20.
Input
Output
Material
Approval and
conformity
Electrical
connection
Article no.
Housing Sensor /
Electrode
Fitting/flowmeter
seals 1.)
FDA ECR1935/
2004 2.)
–
–
PPA
Stainless steel /
Stainless steel
EPDM or FEP
Yes
Yes
2 cable glands
M20 x 1.5
564797 
1 digital
input (DI1)
2 relay
outputs
(DO2, DO3)
564798 
1.) Must be ordered separately.
2.) Only for mounting with EPDM seal
10.5. Ordering chart accessories
Description
Article no.
For flowmeter with G 2" or clamp process connection
Set with two cable glands M20 × 1.5, two neoprene flat seals for cable gland or plug, two screw plugs M20 × 1.5 and two
multi-way seals 2 × 6 mm
449755 
Set with two adaptors M20 × 1.5 /NPT ½", two neoprene flat seals for cable gland or plug and two screw plugs M20 × 1.5
551782 
3-point flow calibration certificate 1.)
550676 
FDA declaration of conformity 2.)
803724 
For flowmeter with G 2" process connection
Set with a stopper for unused cable gland M20 × 1.5, a multiway seal 2 × 6 mm for cable gland, a green FKM seal for the
sensor and a mounting instruction sheet
558102 
Set with a green FKM seal and a black EPDM seal
552111 
Fastening ring (open) for Type S020 Insertion fitting
619205 
PC union nut for Type S020 Insertion fitting
619204 
PPA union nut for Type S020 Insertion fitting
440229 
For flowmeter with clamp process connection
Set with a stopper for unused cable gland M20 × 1.5 and a multiway seal 2 × 6 mm for cable gland
565384 
1 EPDM fitting/measuring device seal
730837 
1 FEP fitting/measuring device seal
730839 
Clamp collar
731164 
1.) Measuring device in combination with a Type S020 Insertion fitting, only for DN ≤ 200
2.) For stainless steel or PVDF sensor with FKM or EPDM seal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com