Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 16 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Insertion magnetic inductive flowmeter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 16 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Type 8041
16 | 19
Visit product website 
9.
Networking and combination with other Bürkert products
9.1. Networking and combination of the device
Example:
Type 8041
4…20 mA output
Relay output
Frequency output
Type 8802 
(2301 & 8693)
ELEMENT Continuous
control valve systems
Type 6281 
Servo-assisted 2/2-way
diaphragm valve
Type 8619 
multiCELL
transmitter/controller
panel-or wall-mounted
Type 8025 
Universal transmitter/
batch controller
Wall-mounted or
panel-mounted
Type S020 
Insertion fitting
9.2. Combination of the device with available Type S020 Insertion fittings DN
DN06
DN32
T-fitting
Fusion spigot
DN65
DN100
DN350
DN200
Fitting with G 2" process connection
DN50
DN400
Screw-on spigot
Saddle
T-fitting or
welding socket
Fitting with clamp process connection
Welding socket
DN08
1.)
short sensor
short sensor
long sensor
short sensor
long sensor
long sensor
long sensor
1.) DN06 and DN08: S020 in stainless steel only and 8041 with stainless steel sensor recommended
9.3. Remote transmitters Type 8025 which can be connected to the Type 8041 flowmeter
A remote electronic Type 8025 can be connected to the flowmeter Type 8041. For the selection of the article, see chapter “Remote
transmitters Type 8025 which can be connected to the Type 8041 flowmeter” on page 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com