Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 19 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Insertion magnetic inductive flowmeter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 19 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Type 8041
19 | 19
Visit product website 
Remote transmitters Type 8025 which can be connected to the Type 8041 flowmeter
Description
Operating voltage
Output
Relay
Electrical connection
Article no.
Panel-mounted variant
“Universal”, 2 totalizers
18…30 V DC
4…20 mA,
pulse
–
Terminal strip
419538 
2
419537 
“Batch”, 2 totalizers, 1 flowrate
–
419536 
Wall-mounted variant
“Universal”, 2 totalizers
18…30 V DC
4…20 mA,
pulse
–
3 cable glands
419541 
2
419540 
115…230 V DC
–
419544 
“Batch”, 2 totalizers, 1 flowrate
18…30 V DC
–
2
5 cable glands
433740 
10.5. Ordering chart accessories
Description
Article no.
For flowmeter with G 2" or clamp process connection
Set with two cable glands M20 × 1.5, two neoprene flat seals for cable gland or plug, two screw plugs M20 × 1.5 and two
multi-way seals 2 × 6 mm
449755 
Set with two adaptors M20 × 1.5 /NPT ½", two neoprene flat seals for cable gland or plug and two screw plugs M20 × 1.5
551782 
Relay connection set with a terminal strip, a protective cap, a cable tie and a mounting instruction sheet
552812 
3-point flow calibration certificate 1.)
550676 
FDA declaration of conformity 2.)
803724 
For flowmeter with G 2" process connection
Set with a stopper for unused cable gland M20 × 1.5, a multiway seal 2 × 6 mm for cable gland, a green FKM seal for the
sensor and a mounting instruction sheet
558102 
Set with a green FKM seal and a black EPDM seal
552111 
Fastening ring (open) for Type S020 Insertion fitting
619205 
PC union nut for Type S020 Insertion fitting
619204 
PPA union nut for Type S020 Insertion fitting
440229 
For flowmeter with clamp process connection
Set with a stopper for unused cable gland M20 × 1.5 and a multiway seal 2 × 6 mm for cable gland
565384 
1 EPDM fitting/flowmeter seal
730837 
1 FEP fitting/flowmeter seal
730839 
Clamp collar
731164 
1.) Measuring device in combination with a Type S020 Insertion fitting, only for DN ≤ 200
2.) For stainless steel or PVDF sensor with FKM or EPDM seal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com