| Electronic Components Datasheet Search |
|
8644 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8644 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG |
|
7 / 20 page ![]() Type 8045 7 | 20 Visit product website 2. Approvals and conformities 2.1. General notes • The approvals and conformities listed below must be stated when making enquiries. This is the only way to ensure that the product complies with all required specifications. • Not all available variants of the device can be supplied with the below mentioned approvals or conformities. 2.2. Conformity In accordance with the Declaration of Conformity, the product is compliant with the EU Directives. 2.3. Standards The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate and/or the EU Declaration of Conformity. 2.4. Pressure Equipment Directive (PED) The device conforms to article 4, paragraph 1 of the Pressure Equipment Directive (PED) 2014/68/EU under the following conditions: Device used on a pipe Note: • The data in the table is independent of the chemical compatibility of the material and the fluid. • PS = maximum admissible pressure (in bar), DN = nominal diameter of the pipe Type of fluid Conditions Fluid group 1, article 4, paragraph 1.c.i DN ≤ 25 Fluid group 2, article 4, paragraph 1.c.i DN ≤ 32 or PS*DN ≤ 1000 Fluid group 1, article 4, paragraph 1.c.ii DN ≤ 25 or PS*DN ≤ 2000 Fluid group 2, article 4, paragraph 1.c.ii DN ≤ 200 or PS ≤ 10 or PS*DN ≤ 5000 2.5. North America (USA/Canada) Approval Description Optional: UL Recognized for the USA and Canada The products are UL Recognized for the USA and Canada according to: • UL 61010-1 • CAN/CSA-C22.2 No. 61010-1 2.6. Foods and beverages/Hygiene Conformity Description FDA FDA – Code of Federal Regulations (valid for the variable code PL02, PL03) Only devices with stainless steel or PVDF sensor and FKM or EPDM seals are compliant with the Code of Federal Regulations published by the FDA (Food and Drug Administration, USA) according to the manufacturer‘s declaration. EC Regulation 1935/2004 of the European Parliament and of the Council (valid for the variable code PL01, PL02) Only devices with stainless steel sensor and EPDM seals are compliant with EC Regulation 1935/2004/EC according to the manufacturer‘s declaration. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |