Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 19 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Magnetic inductive Insertion flowmeter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 19 Page - Christian Bürkert GmbH & Co. KG

Back Button 8644 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Type 8045
19 | 20
Visit product website 
10.4. Ordering chart
Flowmeter with G 2" process connection
Note:
The following variants
• have at least
– a FKM process seal
– an 18…36 V DC operating voltage
– a 4…20 mA current output (AO1) and
– a digital output (DO1)
• are supplied with an accessories set (article no. 551775) including an EPDM seal.
Further information regarding the sets can be found in chapter “10.5. Ordering chart accessories” on page 20.
Sensor
variant
Input
Output
Material
Approval and conformity
Electrical
connection
Article no.
Housing Sensor /
Earth ring /
Electrode
UL
FDA ECR1935/
2004 1.)
Short
–
–
PC
PVDF /
Stainless steel /
Stainless steel
–
Yes
–
2 cable glands
M20 x 1.5
426498 
UL Recognized
570470 
Long
–
426499 
UL Recognized
570471 
Short
PVDF /
Alloy C22 /
Alloy C22
–
–
558675 
UL Recognized
570484 
Long
–
558676 
UL Recognized
570485 
Short
1 digital
input (DI1)
2 relay
outputs
(DO2, DO3)
PVDF /
Stainless steel /
Stainless steel
–
Yes
426506 
UL Recognized
570472 
Long
–
426507 
UL Recognized
570473 
Short
–
–
PPA
Stainless steel /
– /
Stainless steel
–
Yes
449670 
UL Recognized
570478 
Long
–
449672 
UL Recognized
570480 
Short
1 digital
input (DI1)
2 relay
outputs
(DO2, DO3)
–
449671 
UL Recognized
570479 
Long
–
449673 
UL Recognized
570481 
1.) Only if the FKM seal mounted as standard at factory is replaced with the EPDM seal included in the delivery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com