Electronic Components Datasheet Search
  English  ▼

X  

8647 Datasheet(PDF) 39 Page - Christian Bürkert GmbH & Co. KG

Part # 8647
Description  FLOWave SAW flowmeter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8647 Datasheet(HTML) 39 Page - Christian Bürkert GmbH & Co. KG

Back Button 8647 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG 8647 Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG 8647 Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG 8647 Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG 8647 Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG 8647 Datasheet HTML 37Page - Christian Bürkert GmbH & Co. KG 8647 Datasheet HTML 38Page - Christian Bürkert GmbH & Co. KG 8647 Datasheet HTML 39Page - Christian Bürkert GmbH & Co. KG 8647 Datasheet HTML 40Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Type 8098
39 | 40
Visit product website 
Thread connection acc. to DIN 11851 series A for pipe acc. to DIN 11866 series A (DIN 11850)
Note:
The following variants are equipped with the special functions ATF (acoustic transmission factor) and DF (density factor).
Diameter 1.) Maximal
flow rate
Dimensions 2.)
D2 x s; D3
Surface quality
Approval and
conformity
Article no.
Housing, outer surface
of measurement tube
Inner surface of
measurement tube
[mm]
[m3/h]
[mm]
[µm]
[µm]
3-A (28-06) EHEDG 3.)
Electrical connection: 1 × 8-pin M12 male connector, operating voltage of 12…35 V DC
65
123
70.0 x 2.0; Rd 95 x ¹⁄₆
Ra < 1.6
Ra < 0.8
Yes
Yes
574707 
80
185
85.0 x 2.0; Rd 110 x ¼
Ra < 0.8
574708 
1.) = process connection size and pipe size
2.) D2 for holder; s = thickness; D3: thread connection
3.) The EHEDG compliance is s only valid if used in combination with EHEDG-compliant gaskets from
• Kieselmann GmbH, Germany (ASEPTO-STAR k-flex upgrade gaskets) or
• Siersema Komponenten Service (S.K.S.) B.V. (Netherlands SKS gasket set DIN 11851 EHEDG with EPDM or FKM inner gasket).
Further variants on request
Process connection
• For pipe DIN 11850:
– Clamp DIN 32676
– Clamp DIN 11864-3
– Flange DIN 11864-2
• For pipe ISO 1127:
– Clamp DIN 11864-3
– Flange DIN 11864-2
• For pipe ASME BPE:
– Clamp DIN 11864-3
– Flange DIN 11864-2
• For pipe SMS 3008: SMS 3017
Orifice
• 08…80 mm
• ⅜…3 inch
Additional
• Without differentiation factor (DF)
• Without acoustic transmission factor (ATF)
• With density and mass flow
• ATEX/IECEx
Material
• With inner surface of measurement tube
– Ra < 0.8 µm (30 µin.)
– Ra < 0.4 µm (15 µin.) (electro-polished) according to
ISO 4288
Electrical connection
• 1 × 5-pin M12 male connector
• 1 × 8-pin M12 male connector
For any other variants, use the product enquiry form, see chapter “10.4. Bürkert Product Enquiry Form” on page 32 or check the
readily available article no. listed in the Bürkert eShop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com