Electronic Components Datasheet Search
  English  ▼

X  

8920 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 8920
Description  AirLINE – the valve island optimised for process automation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8920 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 8920 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Type 8652
20 | 21
Visit product website 
9.4. Electronic module
Beschreibung
Article no.
Electronics module with digital inputs
384872 
Electronics module without digital inputs
384873 
9.5. Connector module
Beschreibung
Article no.
Connection module without pressure sensor with additional connection for compressed air supply
(Connection size: plug-in coupling Ø 6 mm and Ø 10 mm)
384863 
Connection module without pressure sensor with additional connection for compressed air supply
(Connection size: plug-in coupling Ø ¼ mm and Ø ⅜ mm)
384864 
Connection module without pressure sensor without additional connection for compressed air supply
384866 
Connection module with pressure sensor, connection for compressed air supply:
plug-in coupling Ø 6 mm and Ø 10 mm
384867 
Connection module with pressure sensor, connection for compressed air supply:
plug-in coupling Ø ¼ mm and Ø ⅜ mm
384868 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com