Electronic Components Datasheet Search
  English  ▼

X  

8920 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 8920
Description  AirLINE – the valve island optimised for process automation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8920 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 8920 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8920 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Type 8652
21 | 21
Visit product website 
9.6. Ordering chart accessories
Fieldbus gateway Type ME43
Note:
• Please note that the ME43 gateway modules are not configured ex works. However, these absolutely must be configured in order to be
used in a system. The device description files must be generated with the Bürkert Communicator software before the start-up of a
system.
• Further information can be found in the operating instructions Type ME43 .
Beschreibung
Article no.
Fieldbus gateway Type ME43 – Industrial Ethernet (PROFINET, EtherNet/IP, Modbus TCP, EtherCAT®)
301799 
Fieldbus gateway Type ME43 – Profibus DP
301803 
Fieldbus gateway Type ME43 – CANopen/büS
301802 
Accessory for Software Bürkert Communicator
Description
Article no.
büS cable extension, M12, cable length: 0.1 m
772492 
büS cable extension, M12, cable length: 0.2 m
772402 
büS cable extension, M12, cable length: 0.5 m
772403 
büS cable extension, M12, cable length: 1 m
772404 
büS cable extension, M12, cable length: 3 m
772405 
büS socket, M12, straight, A-coded
772416 
büS plug, M12, straight, A-coded
772417 
büS socket, M12, angled, A-coded
772418 
büS plug, M12, angled, A-coded
772419 
büS Y plug
772420 
büS Y plug for linking 2 separately supplied segments of a büS network
772421 
Termination resistor (directly pluggable)
303833 
büS plug, M12, terminating resistor 120 Ω
772424 
büS socket, M12, terminating resistor 120 Ω
772425 
Power supply unit Phoenix Class2 (Type 1573), 85…240 V AC/24 V DC, 1.25 A, NEC Class 2 (UL 1310)
772438 
Power supply unit for standard rail (Type 1573), 100…240 V AC/24 V DC, 1 A, NEC Class 2 (UL 1310)
772361 
Power supply unit for standard rail (Type 1573), 100…240 V AC/24 V DC, 2 A, NEC Class 2 (UL 1310)
772362 
Power supply unit for standard rail (Type 1573), 100…240 V AC/24 V DC, 3.8 A, NEC Class 2 (UL60950 - 1)
772898 
Power supply unit for standard rail (Type 1573), 100…240 V AC/24 V DC, 10 A
772698 
microSD card
774087 
USB büS interface set 1 (Type 8923) for connection to the Bürkert Communicator software: includes connection cable
(M12 and micro USB), stick with integrated terminating resistor, power supply and software
772426 
USB büS interface set 2 (Type 8923) for connection to the Bürkert Communicator software: including büS stick,
connection cable to M12 plug, M12 connection cable on micro USB for the büS service interface and Y distributor,
cable length: 0.7 m
772551 
License for graphical programming (only required for a running time > 60 minutes)
567713 
Software Bürkert Communicator
Type 8920 
1.) Due to lack of space, the M12 single connectors may not be suitable for their simultaneous use on the same side of the Y connector. Please use the available ready-made assem-
bled cable in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com