Electronic Components Datasheet Search
  English  ▼

X  

2101 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 2101
Description  Control head for decentralised automation of ELEMENT process valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2101 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 2101 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Type 8691
7 | 14
Visit product website 
2.
Approvals and conformities
2.1. General notes
• The approvals and conformities listed below must be stated when making enquiries. This is the only way to ensure that the product
complies with all required specifications.
• Not all available versions can be supplied with the below mentioned approvals or conformities.
2.2. Conformity
In accordance with the Declaration of Conformity, the product is compliant with the EU Directives.
2.3. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.
2.4. Explosion protection
Approval
Description
Optional: Explosion protection
ATEX:
BVS 14 ATEX E 008 X
II 3D Ex tc IIIC T135 °C Dc
II 3G Ex ec IIC T4 Gc
IECEx:
IECEx BVS 14.0009 X
Ex tc IIIC T135 °C Dc
Ex ec IIC T4 Gc
2.5. North America (USA/Canada)
Approval
Description
Optional: UL Listed for the USA and Canada
The products are UL Listed for the USA and Canada according to:
• UL 61010-1 (ELECTRICAL EQUIPMENT FOR MEASUREMENT, CONTROL, AND LABORATORY USE –
Part 1: General Requirements)
• CAN/CSA-C22.2 No. 61010-1
Optional: FM (Factory Mutual) – Explosion Protection
Increased Safety for Class I, Zone 2, AEx ec IIC T4 Gc hazardous (classified) locations, indoors and outdoors (IP54).
Alternatively marked as Class I Division 2 Groups A, B, C, and D; T4.
2.6. Others
China Compulsory Certification (CCC)
Conformity
Description
Optional: China Compulsory Certification (CCC)
The products with Ex approval are suitable for import and use for hazardous applications in China.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com