Electronic Components Datasheet Search
  English  ▼

X  

2101 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 2101
Description  Control head for decentralised automation of ELEMENT process valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2101 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 2101 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2101 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Type 8691
9 | 14
Visit product website 
5.
Device/Process connections
5.1. Electrical connections
Without fieldbus communication 24 V DC
M12 circular plug, 8-pin
5
4
3
2
8
1
7
6
Pin
Description
Pin assignment
1
Limit switches 1
I
N 1/TOP
2
Limit switches 2
I
N 2/BOTTOM
3
Operating voltage
GND
4
Operating voltage +
24 V DC
5
Valve control +
Valve +
6
Valve control –
Valve –
7
–
Not assigned
8
–
Not assigned
Cable gland
1
2
3
4
Input signal
Pin
Pin assignment
1
Valve connection
2
Connecting terminals
End positions
3
Connecting terminals
Supply 24 V DC
4
Connecting terminals
Valve (input signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com